Electronic Components Datasheet Search
  English  ▼

X  

PB614 Datasheet(PDF) 1 Page - Highly Electric Co., Ltd

Part # PB614
Description  TACT SWITCHES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIGHLY [Highly Electric Co., Ltd]
Direct Link  https://www.highly-elec.com/
Logo HIGHLY - Highly Electric Co., Ltd

PB614 Datasheet(HTML) 1 Page - Highly Electric Co., Ltd

  PB614 Datasheet HTML 1Page - Highly Electric Co., Ltd PB614 Datasheet HTML 2Page - Highly Electric Co., Ltd PB614 Datasheet HTML 3Page - Highly Electric Co., Ltd PB614 Datasheet HTML 4Page - Highly Electric Co., Ltd PB614 Datasheet HTML 5Page - Highly Electric Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.highlyelec.com.tw
32
PB 614 SERIES
» Features
» LED Specifications
Color
VR
IF
Recommended
Operating Current
VF
Nor
Max
Red
DC 5V 20mA
20mA
1.7V
2.4V
Green DC 5V 20mA
20mA
1.9V
2.4V
Yellow DC 5V 20mA
20mA
1.9V
2.4V
Blue
DC 5V 20mA
20mA
3.0V
3.6V
White
DC 5V 20mA
20mA
3.0V
3.6V
For the specification about the other LEDs, please
contact with sales department
» Product selection
PB 614
LASER ETCHING COLOR
1 Misty Silver
2 Bright Silver
3 Gold
4 White
5 Bright Black
6 Red
7 Misty Black
8 Sky blue
9 Gunmetal Black
A Orange
BUTTON TYPE
1F
2F
3F
1
4
5
6
8
9
10
11
12
13
LASER ETCHING
01
02
03
04
05
06
07
08
09
10
LED COLOR
1
Red
2
Yellow
3
Green
4
Blue
5
White
6
Pure Green
8
Amber
9
Blue Green
10
Pink
011
Purple
12
Red/Yellow
13
Red/Green
14
Red/Blue
23
Yellow/Green
48
Blue/Amber
52
White/Yellow
58
White/Amber
- Non-LED
FRAME
_ Without
F With frame
Rating
50mA 12VDC
Insulation Resistance
100MΩ Min (at 500 VDC)
Dielectric Strength
AC 250V (50/60 Hz for 1 minute)
Contact Resistance
100mΩ Max. (Initial)
Electrically Life
300,000 Cycles Min
Ambient Temperature
-20°C~ +70°C
Operating Force
160 ± 50gf
Travel
0.25 ± 0.1 mm
» Applications
• Operating switches in all types of electronic equipment such as audio
apparatus, office equipment , communications apparatus, TV sets,
VCRs, etc.
• Sharp "click" feeling with positive reliability feedback.
• Precise design terminal type adequate for DIP IC pitch size (multiple of
2.54mm).
• Several LED colors options.
• Adequate for DIP & SMT.
• Several cap legends options.
FUNCTION
Non-LED
_ Standard type
M SMT type
LED
L Standard type
ML SMT type
Please inquire
about the details
with our sales
representative.
» Specifications


Similar Part No. - PB614

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
PB61 MCC-PB61 Datasheet
81Kb / 2P
6 Amp Glass Passivated Rectifier 50 to 1000 Volts
logo
CHENG-YI ELECTRONIC CO....
PB61 CHENG-YI-PB61 Datasheet
124Kb / 2P
SINGLE-PHASE SILICON BRIDGE
logo
Micro Commercial Compon...
PB61 MCC-PB61 Datasheet
118Kb / 3P
6 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
PB61 MCC-PB61 Datasheet
273Kb / 3P
6 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
PB61-BP MCC-PB61-BP Datasheet
118Kb / 3P
6 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
More results

Similar Description - PB614

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
TL1107 E-SWITCH-TL1107 Datasheet
278Kb / 2P
TACT SWITCHES
logo
List of Unclassifed Man...
PHAP33 ETC2-PHAP33 Datasheet
403Kb / 14P
Tact switches
logo
E-SWITCH
TL3300 E-SWITCH-TL3300 Datasheet
194Kb / 2P
TACT SWITCHES
320 E-SWITCH-320 Datasheet
327Kb / 3P
TACT SWITCHES
TL1150 E-SWITCH-TL1150 Datasheet
94Kb / 1P
TACT SWITCHES
logo
Highly Electric Co., Lt...
PB617 HIGHLY-PB617 Datasheet
1Mb / 3P
TACT SWITCHES
TP6141 HIGHLY-TP6141 Datasheet
1Mb / 2P
TACT SWITCHES
TP6149T HIGHLY-TP6149T Datasheet
952Kb / 2P
TACT SWITCHES
TP6152 HIGHLY-TP6152 Datasheet
1Mb / 3P
TACT SWITCHES
TP617 HIGHLY-TP617 Datasheet
823Kb / 2P
TACT SWITCHES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com