Electronic Components Datasheet Search
  English  ▼

X  

SP15 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SP15
Description  15 AND 30 WATT TRIIPLE OUTPUT MODELS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SP15 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SP15 Datasheet HTML 1Page - List of Unclassifed Manufacturers SP15 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
77
MODEL
SP15U-0522T
SP15U-0533T
SP30U-0522T
SP30U-0533T
OUTPUT 1
VOLT
AMPS
+5V
+5V
+5V
+5V
2
2
4
4
OUTPUT 2
VOLT
AMPS
+12V
+15V
+12V
+15V
0.5
0.45
1.2
1.0
OUTPUT 3
VOLT
AMPS
-12V
-15V
-12V
-15V
0.5
0.45
0.6
0.5
Series
Series
NOTE:
All specifications typical and nominal / full load and 25˚C unless otherwise noted.
Mounting screw lenght should not exceed 0.31 inches or 8 mm.
Avoid sustained operation in overload or dead short conditions.
Specifications subject to changes without notice.
• No. 6-32 mounting holes standard
• Dimensions in mm
• Terminal block or “pin”
type connector available
15W
30W
MAX POWER NOT TO EXCEED:
SP15U - 15 WATTS
SP30U - 30 WATTS
SPU 30T
SPU 15T



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com