Electronic Components Datasheet Search
  English  ▼

X  

SP30U Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SP30U
Description  30 WATT, Uniiverrsall IInputt Fulllly Encllosed Swiittchiing Powerr Supplly
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SP30U Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SP30U Datasheet HTML 1Page - List of Unclassifed Manufacturers SP30U Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
67
MODEL
SP30U-03S
SP30U-05S
SP30U-12S
SP30U-15S
SP30U-24S
SP30U-48S
OUTPUT VOLTAGE
3.3 VDC
5 VDC
12 VDC
15 VDC
24 VDC
48 VDC
OUTPUT CURRENT
@100V
@230V
6.0 A
6.0 A
2.6 A
2.1 A
1.4 A
0.7 A
7.0 A
7.0 A
3.0 A
2.5 A
1.5 A
0.8 A
EFFICIENCY
70%
72%
77%
77%
78%
78%
LINE REGULATION
20 mV max.
20 mV max.
20 mV max.
20 mV max.
30 mV max.
50 mV max.
LOAD REGULATION
40 mV max.
40 mV max.
40 mV max.
40 mV max.
80 mV max.
120 mV max.
Series
Series
NOTE:
All specifications typical and nominal / full load and 25˚C unless otherwise noted.
Mounting screw lenght should not exceed 0.31 inches or 8 mm.
Avoid sustained operation in overload or dead short conditions.
Specifications subject to changes without notice.
• No. 6-32 mounting holes standard
• Dimensions in mm
• Terminal block or “pin”
type connector available
SP30U



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com