Electronic Components Datasheet Search
  English  ▼

X  

TPCF8301 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TPCF8301
Description  FIELD EFFECT TRANSISTOR SILICON P CHANNEL MOS TYPE(U竊뛏OS??
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCF8301 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TPCF8301 Datasheet HTML 1Page - Toshiba Semiconductor TPCF8301 Datasheet HTML 2Page - Toshiba Semiconductor TPCF8301 Datasheet HTML 3Page - Toshiba Semiconductor TPCF8301 Datasheet HTML 4Page - Toshiba Semiconductor TPCF8301 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TOSHIBA
TPCF8301
TOSHIBA FIELD EFFECT TRANSISTOR SILICON P CHANNEL MOS TYPE(U−MOSⅢ)
TPCF8301
TPCF8301
TPCF8301
TPCF8301
NOTE
BOOK
PC
APPLICATIONS
PORTABLE
EQUIPMENTS
APPLICATIONS
UNIT:mm
・Low Drain - Source ON Resistance:RDS(ON)=72mΩ(Typ.)
・High Forward Transfer Admittance:│Yfs│=6 S(Typ.)
・Low Leakage Current:IDSS=-10μA(Max.) (VDS=-20V)
・Enhancement - Mode:Vth=-0.5 ∼ -1.2V(VDS=-10V,ID=-200µA)
Maximum Ratings (Ta=25℃)
Characteristics
Symbol
Rating
Unit
Drain-source voltage
VDSS
-20
V
Drain-gate voltage(RGS=20kΩ)
VDGR
-20
V
Gate-source voltage
VGSS
±8
V
DC
(Note 1)
ID
-2.7
Drain current
Pulse
(Note 1)
IDR
-10.8
A
Single-device operation
(Note 3a)
PD(1)
1.35
Drain power
dissipation
(t=5s)(Note 2a) Single-device value at
dual operation (Note 3b)
PD(2)
1.12
Single-device operation
(Note 3a)
PD(1)
0.53
Drain power
dissipation
(t=5s)(Note 2b) Single-device value at
dual operation (Note 3b)
PD(2)
0.33
W
Single pulse avalanche energy (Note 4)
EAS
1.2
mJ
Avalanche current
IAR
-1.35
A
Repetitive avalanche energy
Single-device
value at dual operation
(Note 2a,3b,5)
EAR
0.11
mJ
Channel temperature
Tch
150
℃
Storage temperature range
Tstg -55∼150
℃
THERMAL CHARACTERISTICS
Characteristics
Symbol
Max
Unit
Single-device
operation (Note 3a)
Rth(ch-a)(1)
92.6
Thermal resistance,
channel to ambient
(t=5s)
(Note 2a)
Single-device value at
dual operation (Note 3b)
Rth(ch-a)(2)
111.6
℃/W
Single-device
operation (Note 3a)
Rth(ch-a)(1)
235.8
Thermal resistance,
channel to ambient
(t=5s)
(Note 2b)
Single-device value at
dual operation (Note 3b)
Rth(ch-a)(2)
378.8
℃/W
Note1, Note2, Note3, Note4, Note5 Please see next page.
THIS TRANSISTOR IS AN ELECTROSTATIC SENSITIVE DEVICE.
1
2
3
4
5
6
8
7
Te
Te
Te
Tentative
ntative
ntative
ntative
Circuit
Configuration
JEDEC
―
JEITA
―
TOSHIBA
―
1. Drain
2. Drain
3. Gat
4. Source
5. Drain
6. Drain
0.05
2.9
±0.2
0.3
±0.1
0.95
0.25 -0.15
+0.25
1
4
3
6
0.95
1:DRAIN
5:SOURCE
2:DRAIN
6:DRAIN
3:DRAIN
7:DRAIN
4:GATE
8:DRAIN
2.9±0.1
0.3 +0.1/-0.05
0.65
0.8±0.05
1111
4444
5555
8888
1:SOURCE1 5:DRAIN 2
2:GATE 1
6:DRAIN2
3:SOURCE2 7:DRAIN1
4:GATE2
8:DRAIN1


Similar Part No. - TPCF8301

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCF8301 TOSHIBA-TPCF8301 Datasheet
196Kb / 7P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
16-Nov-2006
TPCF8301 TOSHIBA-TPCF8301 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
TPCF8301 TOSHIBA-TPCF8301_07 Datasheet
196Kb / 7P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
16-Nov-2006
More results

Similar Description - TPCF8301

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCF8103 TOSHIBA-TPCF8103 Datasheet
82Kb / 3P
TRANSISTOR SILICON P CHANNEL MOS TYPE(U-MOS??
SSM3J130TU TOSHIBA-SSM3J130TU Datasheet
192Kb / 6P
Field-Effect Transistor Silicon P-Channel MOS Type (U-MOS??
TPC8123 TOSHIBA-TPC8123 Datasheet
279Kb / 7P
Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
TPCC8102 TOSHIBA-TPCC8102 Datasheet
223Kb / 7P
Field Effect Transistor Silicon P-Channel MOS Type (U-MOS??
TPCC8103 TOSHIBA-TPCC8103 Datasheet
223Kb / 7P
Field Effect Transistor Silicon P-Channel MOS Type (U-MOS??
TPCM8102 TOSHIBA-TPCM8102 Datasheet
223Kb / 7P
Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
SSM3J327F TOSHIBA-SSM3J327F Datasheet
192Kb / 6P
Field-Effect Transistor Silicon P-Channel MOS Type (U-MOS??
TPC8124 TOSHIBA-TPC8124 Datasheet
263Kb / 7P
Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
TPCA8106 TOSHIBA-TPCA8106 Datasheet
216Kb / 7P
Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
SSM6J212FE TOSHIBA-SSM6J212FE Datasheet
196Kb / 6P
Field-Effect Transistor Silicon P-Channel MOS Type (U-MOS??
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com