Electronic Components Datasheet Search
  English  ▼

X  

BC01B-USB Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BC01B-USB
Description  Single Chip Bluetooth Device
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

BC01B-USB Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BC01B-USB Datasheet HTML 1Page - List of Unclassifed Manufacturers BC01B-USB Datasheet HTML 2Page - List of Unclassifed Manufacturers BC01B-USB Datasheet HTML 3Page - List of Unclassifed Manufacturers BC01B-USB Datasheet HTML 4Page - List of Unclassifed Manufacturers BC01B-USB Datasheet HTML 5Page - List of Unclassifed Manufacturers BC01B-USB Datasheet HTML 6Page - List of Unclassifed Manufacturers BC01B-USB Datasheet HTML 7Page - List of Unclassifed Manufacturers BC01B-USB Datasheet HTML 8Page - List of Unclassifed Manufacturers BC01B-USB Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
BlueCore 01b
bc01b-ds-003d
Product Data Sheet
Production Information
Single Chip Bluetooth Device
Product Data Sheet For:
BC01b-USB
(USB and UART version)
(BGA Packaging)
BC01b-URT
(UART only version)
(BGA Packaging)
BC01bv-USB
(USB and UART version)
(VFBGA Packaging)
BC01bv-URT
(UART only version)
(VFBGA Packaging)
BlueCore01b is a single chip radio and baseband IC
for Bluetooth 2.4GHz radios, and is implemented in
CMOS technology.
When used with external flash containing the CSR
Bluetooth software stack, it provides a fully compliant
Bluetooth system for data and voice communications.
General Description
Figure 1: BlueCore01b Block Diagram
RAM
DSP
µP
I/O
2.4GHz
Radio
SPI
UART/USB
PIO
PCM
XTAL
EXTERNAL
FLASH
RF IN
RF OUT
Laptop and desktop PCs
Applications
Mobile Phones
Cordless Headsets
Personal Digital Assistants (PDAs)
Computer Accessories (Compact Flash,
PCMCIA and SD cards)
Domestic and industrial appliances
The design is optimised to require very few external
RF components to facilitate rapid design of the applica-
tion printed wiring board, and therefore the fastest pos-
sible time to market and lowest overall cost.
A low intermediate frequency receiver is utilised to
allow on-chip channel filtering. All hardware is fully
compliant with the Bluetooth specification.
The device operates from a regulated supply in the
range 2.7V to 3.3V and is available in an 81-ball BGA
package.
Device Features
Compliant to Bluetooth specification V1.1
Small footprint in 8mm x 8mm 81-ball BGA
Fully integrated RF block with no external
adjustments or trim
USB V1.1 compliant
Qualified Bluetooth firmware included
Extensive built-in-self-test to minimise end
product final test time
RF reference designs available
Low power consumption/optimisation
Support for up to 7 slaves
TM
TM
TM
TM


Similar Part No. - BC01B-USB

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
BC0 COOPER-BC0 Datasheet
4Mb / 55P
Circuit Protection Solutions Low Voltage Fuse Links Catalogue
BC00 COOPER-BC00 Datasheet
4Mb / 55P
Circuit Protection Solutions Low Voltage Fuse Links Catalogue
logo
Winsonic Electronics
BC001-CB0M0A WINSONIC-BC001-CB0M0A Datasheet
85Kb / 1P
Aluminum Fanless Box-PC, Intel Celeron J6412 Processor
BC005-CB0M0B WINSONIC-BC005-CB0M0B Datasheet
81Kb / 1P
Aluminum Fanless Box-PC, Intel Core i5, i7 Processors
BC005-CB0M0C WINSONIC-BC005-CB0M0C Datasheet
81Kb / 1P
Aluminum Fanless Box-PC, Intel Ultra 5, 7 Processors
More results

Similar Description - BC01B-USB

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT76C551 ATMEL-AT76C551 Datasheet
846Kb / 77P
Single Chip Bluetooth??Controller
logo
Broadcom Corporation.
BCM2033 BOARDCOM-BCM2033 Datasheet
125Kb / 2P
SINGLE CHIP BLUETOOTH SYSTEM
BCM2035 BOARDCOM-BCM2035 Datasheet
162Kb / 2P
BLUETOOTH SINGLE CHIP HCI SOLUTION
logo
STMicroelectronics
STLC2500 STMICROELECTRONICS-STLC2500 Datasheet
241Kb / 23P
BLUETOOTH™ SINGLE CHIP
May 2004 REV. 1
logo
Broadcom Corporation.
BCM2040 BOARDCOM-BCM2040 Datasheet
133Kb / 2P
SINGLE-CHIP BLUETOOTH MOUSE AND KEYBOARD
logo
STMicroelectronics
STLC2500A STMICROELECTRONICS-STLC2500A Datasheet
338Kb / 37P
Bluetooth Single Chip
03-Feb-2006
logo
Broadcom Corporation.
BCM2042 BOARDCOM-BCM2042 Datasheet
151Kb / 2P
SINGLE-CHIP BLUETOOTH MOUSE AND KEYBOARD
logo
Cypress Semiconductor
BCM20732 CYPRESS-BCM20732 Datasheet
4Mb / 3P
Single-Chip Bluetooth Low Energy-Only SoC
CYW20733 CYPRESS-CYW20733 Datasheet
7Mb / 67P
Single-Chip Bluetooth Transceiver Wireless Input Devices
CYW20736 CYPRESS-CYW20736 Datasheet
938Kb / 47P
Single-Chip Bluetooth Low Energy System-On-Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com