Electronic Components Datasheet Search
  English  ▼

X  

DS3984 Datasheet(PDF) 22 Page - Dallas Semiconductor

Part # DS3984
Description  4-Channel Cold-Cathode Fluorescent Lamp Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3984 Datasheet(HTML) 22 Page - Dallas Semiconductor

Back Button DS3984 Datasheet HTML 16Page - Dallas Semiconductor DS3984 Datasheet HTML 17Page - Dallas Semiconductor DS3984 Datasheet HTML 18Page - Dallas Semiconductor DS3984 Datasheet HTML 19Page - Dallas Semiconductor DS3984 Datasheet HTML 20Page - Dallas Semiconductor DS3984 Datasheet HTML 21Page - Dallas Semiconductor DS3984 Datasheet HTML 22Page - Dallas Semiconductor DS3984 Datasheet HTML 23Page - Dallas Semiconductor DS3984 Datasheet HTML 24Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
4-Channel Cold-Cathode
Fluorescent Lamp Controller
22
____________________________________________________________________
Table 5. Transformer Specifications
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Turns Ratio (Secondary/Primary)
(Notes 11, 12, 13)
40
Frequency
40
80
kHz
Output Power
6W
Output Current
58
mA
Primary DCR
Center tap to one end
200
m
Ω
Secondary DCR
500
Ω
Primary Leakage
12
µH
Secondary Leakage
185
mH
Primary Inductance
70
µH
Secondary Inductance
500
mH
Center Tap Voltage
10.8
12
13.2
V
100ms minimum
2000
Secondary Output Voltage
Continuous
1000
VRMS
Table 6. Resistor and Capacitor Selection Guide
DESIGNATOR
QTY
VALUE
25°C
TOLERANCE
(%)
TEMPERATURE
COEFFICIENT
NOTES
R1
1
10k
Ω
1—
—
R2
1
12.5k
Ω to
105k
Ω
1—
See the Setting the SVM Threshold Voltage section.
R3
1
20k
Ω to
40k
Ω
1
≤153ppm/°C
2% or less total tolerance. See the Lamp Frequency
Configuration section to determine value.
R4
1
18k
Ω to
45k
Ω
1
≤153ppm/°C
2% or less total tolerance. See the Lamp Frequency
Configuration section to determine value.
R5
1
4.7k
Ω
5
Any grade
—
R6
1
4.7k
Ω
5
Any grade
—
R7
1
4.7k
Ω
5
Any grade
—
R8
1/Ch
140
Ω
1—
See the Setting the RMS Lamp Current section.
C1
1/Ch
100nF
10
X7R
Capacitor value will also affect LCM bias voltage during
power-up. A larger capacitor may cause a longer time
for VDCB to reach its normal operating level.
C2
1/Ch
10pF
5
±1000ppm/°C
2kV to 4kV breakdown voltage required.
C3
1/Ch
27nF
5
X7R
Capacitor value will also affect LCM bias voltage during
power-up. A larger capacitor may cause a longer time
for VDCB to reach its normal operating level.
C4
1/Ch
33µF
20
Any grade
—
C5
2/DS3984
0.1µF
10
X7R
Place close to VCC and GND on DS3984.
Note 11: Primary should be Bifilar wound with center tap connection.
Note 12: Turns ratio is defined as secondary winding divided by the sum of both primary windings.
Note 13: 40:1 is the nominal turns ratio for driving a 438mm x 2.2mm lamp with a 12V supply. Refer to AN3375 for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com