Electronic Components Datasheet Search
  English  ▼

X  

DIL14 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # DIL14
Description  Dual in-line, 14 pin package
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

DIL14 Datasheet(HTML) 1 Page - Zetex Semiconductors

  DIL14 Datasheet HTML 1Page - Zetex Semiconductors DIL14 Datasheet HTML 2Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Issue 1 - September 2005
1
www.zetex.com
© Zetex Semiconductors plc 2005
Package information - DIL14
Dual in-line, 14 pin package
Package outline
Note: Controlling dimensions are in inches. Approximate dimensions are provided in millimeters
Taping specification
Dual inline devices (DIL8, DIL14, DIL16 and DIL20) are provided in tubes.
DIM
Inches
Millimeters
DIM
Inches
Millimeters
Min
Max
Min
Max
Min
Max
Min
Max
A
-
0.210
-
5.33
D1
0.005
-
0.13
-
A1
0.015
-
0.38
-
E
0.300
0.325
7.62
8.26
A2
0.115
0.195
2.92
4.95
E1
0.240
0.280
6.10
7.11
b
0.014
0.022
0.36
0.56
e
0.100 BSC
2.54 BSC
b2
0.045
0.070
1.14
1.78
eA
0.300 BSC
7.62 BSC
b3
N/A
N/A
N/A
N/A
eB
-
0.430
-
10.92
c
0.008
0.014
0.20
0.36
eC
0.000
0.060
0.00
1.52
D
0.735
0.775
18.67
19.69
L
0.115
0.150
2.92
3.81
E1
D
A2
A
L
A1
e
b
b2
E
b3
D1
b2
eA
eB
c
eC


Similar Part No. - DIL14

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
DIL12-1A66-13DHR MEDER-DIL12-1A66-13DHR Datasheet
455Kb / 5P
Sealed DIL Version w/ up to 4.25 kVDC Breakdown Voltage Option
DIL12-1A66-13DL MEDER-DIL12-1A66-13DL Datasheet
455Kb / 5P
Sealed DIL Version w/ up to 4.25 kVDC Breakdown Voltage Option
DIL12-1A66-13EHR MEDER-DIL12-1A66-13EHR Datasheet
455Kb / 5P
Sealed DIL Version w/ up to 4.25 kVDC Breakdown Voltage Option
DIL12-1A66-13EL MEDER-DIL12-1A66-13EL Datasheet
455Kb / 5P
Sealed DIL Version w/ up to 4.25 kVDC Breakdown Voltage Option
DIL12-1A66-13FHR MEDER-DIL12-1A66-13FHR Datasheet
455Kb / 5P
Sealed DIL Version w/ up to 4.25 kVDC Breakdown Voltage Option
More results

Similar Description - DIL14

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
G14 EUROQUARTZ-G14 Datasheet
222Kb / 1P
14 pin Dual-in-Line
GV14 EUROQUARTZ-GV14 Datasheet
223Kb / 1P
14 pin Dual-in-Line
GW14 EUROQUARTZ-GW14 Datasheet
223Kb / 1P
14 pin Dual-in-Line
HPA14 EUROQUARTZ-HPA14 Datasheet
208Kb / 1P
14 pin Dual-in-Line
HPW14 EUROQUARTZ-HPW14 Datasheet
209Kb / 1P
14 pin Dual-in-Line
HDW14 EUROQUARTZ-HDW14 Datasheet
101Kb / 1P
14 pin Dual-in-Line
HPF14 EUROQUARTZ-HPF14 Datasheet
94Kb / 1P
14 pin Dual-in-Line
XOP1000 EUROQUARTZ-XOP1000 Datasheet
89Kb / 1P
14 pin Dual-in Line
logo
American Microsemicondu...
ADA1103P AMMSEMI-ADA1103P Datasheet
141Kb / 1P
Standard 14 pin Dual-In-Line Package
logo
EUROQUARTZ limited
HSR14 EUROQUARTZ-HSR14 Datasheet
126Kb / 1P
14 pin Dual-in-Line
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com