Electronic Components Datasheet Search
  English  ▼

X  

BT148 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BT148
Description  Thyristors logic level
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BT148 Datasheet(HTML) 2 Page - NXP Semiconductors

  BT148 Datasheet HTML 1Page - NXP Semiconductors BT148 Datasheet HTML 2Page - NXP Semiconductors BT148 Datasheet HTML 3Page - NXP Semiconductors BT148 Datasheet HTML 4Page - NXP Semiconductors BT148 Datasheet HTML 5Page - NXP Semiconductors BT148 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Philips Semiconductors
Product specification
Thyristors
BT148 series
logic level
THERMAL RESISTANCES
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
R
th j-mb
Thermal resistance
-
-
2.5
K/W
junction to mounting base
R
th j-a
Thermal resistance
in free air
-
95
-
K/W
junction to ambient
STATIC CHARACTERISTICS
T
j = 25 ˚C unless otherwise stated
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
I
GT
Gate trigger current
V
D = 12 V; IT = 0.1 A
-
15
200
µA
I
L
Latching current
V
D = 12 V; IGT = 0.1 A
-
0.17
10
mA
I
H
Holding current
V
D = 12 V; IGT = 0.1 A
-
0.10
6
mA
V
T
On-state voltage
I
T = 5 A
-
1.23
1.8
V
V
GT
Gate trigger voltage
V
D = 12 V; IT = 0.1 A
-
0.4
1.5
V
V
D = VDRM(max); IT = 0.1 A; Tj = 110 ˚C
0.1
0.2
-
V
I
D, IR
Off-state leakage current
V
D = VDRM(max); VR = VRRM(max); Tj = 125 ˚C
-
0.1
0.5
mA
DYNAMIC CHARACTERISTICS
T
j = 25 ˚C unless otherwise stated
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
dV
D/dt
Critical rate of rise of
V
DM = 67% VDRM(max); Tj = 125 ˚C;
-
50
-
V/
µs
off-state voltage
exponential waveform; R
GK = 100 Ω
t
gt
Gate controlled turn-on
I
TM = 10 A; VD = VDRM(max); IG = 5 mA;
-
2
-
µs
time
dI
G/dt = 0.2 A/µs
t
q
Circuit commutated
V
D = 67% VDRM(max); Tj = 125 ˚C; ITM = 8 A;
-
100
-
µs
turn-off time
V
R = 10 V; dITM/dt = 10 A/µs;
dV
D/dt = 2 V/µs; RGK = 1 kΩ
October 1997
2
Rev 1.300



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com