Electronic Components Datasheet Search
  English  ▼

X  

1813A Datasheet(PDF) 1 Page - Belden Inc.

Part # 1813A
Description  Audio Cable, 2 Conductor 24 AWG, BC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

1813A Datasheet(HTML) 1 Page - Belden Inc.

  1813A Datasheet HTML 1Page - Belden Inc. 1813A Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 1813A
Audio Cable, 2 Conductor 24 AWG, BC
Product Description
Audio Cable, CM-Rated, 1-24 AWG stranded high-conductivity bare copper pair with PVC insulation, +90% bare copper spiral shield, PVC jacket
Technical Specifications
Product Overview
Suitable Applications:
Multi-channel interconnect between audio equipment such as microphones, speakers, amplifiers, mixing consoles; Live events or studio sound; Analog audio
Construction Details
Conductor
Element
No. of Elements
Size
Stranding
Material
Conductor(s) 2
24 AWG 27x38
BC - Bare Copper (High Conductivity)
Insulation
Element
Material
Nom. Thickness
Nom. Insulation Diameter Color Code
Pair(s)
PVC - Polyvinyl Chloride 0.017 in (0.43 mm) 0.059 in mm
Blue, Red
Outer Shield
Shield Type
Material
Coverage
Spiral Serve / Screen Bare Copper (BC) 90%
Outer Jacket
Material
Nom. Thickness
Nom. Diameter
PVC - Polyvinyl Chloride 0.055 in (1.4 mm) 0.236 in
Overall Cable Diameter (Nominal): 0.236 in
Electrical Characteristics
Electricals
Nom. Conductor DCR Nom. Capacitance Cond-to-Cond Nom. Capacitance Cond-to-Other (Conds + Shield)
Max. Current
22.8 Ohm/1000ft
33 pF/ft (110 pF/m)
61 pF/ft (200 pF/m)
3.9 Amps per Conductor at 25ºC
Voltage
Voltage Rating
30 V
Mechanical Characteristics
Temperature
Operating
-30°C To +60°C
Bend Radius
Stationary Min.
Installation Min.
7.25 in (184 mm) 7.25 in
Max. Pull Tension:
10 lbs (4.5 kg)


Similar Part No. - 1813A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1813A ETC2-1813A Datasheet
100Kb / 2P
24 AWG stranded (27x38) high-conductivity bare copper conductors, PVC insulation
1813AB591000 ETC2-1813AB591000 Datasheet
100Kb / 2P
24 AWG stranded (27x38) high-conductivity bare copper conductors, PVC insulation
1813AB59328 ETC2-1813AB59328 Datasheet
100Kb / 2P
24 AWG stranded (27x38) high-conductivity bare copper conductors, PVC insulation
More results

Similar Description - 1813A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1812A BELDEN-1812A Datasheet
186Kb / 2P
Microphone Cable, 2 Conductor 24 AWG, BC
12-20-2022
9397 BELDEN-9397 Datasheet
188Kb / 2P
Microphone Cable, 2 Conductor 24 AWG, BC
12-20-2022
1353A BELDEN-1353A Datasheet
143Kb / 2P
Digital Audio Cable, 2 Conductor 24 AWG, BC, CMR
12-20-2022
5100UP BELDEN-5100UP Datasheet
144Kb / 2P
Audio Cable, 2 Conductor 14 AWG, BC, Unshielded, CL3
04-13-2023
5T00UP BELDEN-5T00UP Datasheet
142Kb / 2P
Audio Cable, 2 Conductor 10 AWG, BC, Unshielded, CL2
04-13-2023
25T00UP BELDEN-25T00UP Datasheet
139Kb / 2P
Audio Cable, 2 Conductor 10 AWG BC, Armored
12-20-2022
5000UP BELDEN-5000UP Datasheet
143Kb / 2P
Audio Cable, 2 Conductor 12 AWG, BC, Unshielded, CL3
04-13-2023
6T00UP BELDEN-6T00UP Datasheet
142Kb / 2P
Audio Cable, 2 Conductor 10 AWG, BC, CL2P
04-13-2023
5300UP BELDEN-5300UP Datasheet
153Kb / 2P
Audio Cable, 2 Conductor 18 AWG, BC, Unshielded, CM
12-19-2022
5200UP BELDEN-5200UP Datasheet
176Kb / 2P
Audio Cable, 2 Conductor 16 AWG, BC, Unshielded, CM
04-28-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com