Electronic Components Datasheet Search
  English  ▼

X  

1817R Datasheet(PDF) 1 Page - Belden Inc.

Part # 1817R
Description  Audio Snake Cable, 8 Pr #22 Str TC, Ind. Shielded & Jacketed, O/A Foil, PVC Jkt, CMR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

1817R Datasheet(HTML) 1 Page - Belden Inc.

  1817R Datasheet HTML 1Page - Belden Inc. 1817R Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 1817R
Audio Snake Cable, 8 Pr #22 Str TC, Ind. Shielded & Jacketed, O/A Foil, PVC
Jkt, CMR
Product Description
Audio Snake Cable, 8 Pair 22 AWG (7 x 30) Tinned Copper, PP Insulation, Individually Foil Shielded and PVC Jacketed, Overall Beldfoil® Shield, PVC Jacket,
Ripcord, CMR
Technical Specifications
Product Overview
Suitable Applications:
Multi-channel interconnect between audio equipment such as microphones, speakers, amplifiers, mixing consoles; Live events or studio sound; Analog audio
Construction Details
Conductor
Element No. of Elements
Size
Stranding
Material
Pair(s)
8
22 AWG 7x30
TC - Tinned Copper
Insulation
Element
Material
Nom. Thickness
Nom. Insulation Diameter
Color Code
Notes
Pair(s)
PP - Polypropylene 0.010 in (0.25 mm) 0.05 in (1.3 mm)
Black, Red
Red, Violet, Orange, Grey, Yellow, Brown, Green, Blue The Colors represented in these rows are for Inner Jacket colors
Inner Shield
Element Shield Type
Material
Coverage
Drainwire Type
Notes
Pair(s)
Tape
Bi-Laminate (Alum+Poly) 100%
22 AWG (7x30) TC Individual pair tapes are adhered to their inner jackets for easy stripping
Outer Shield
Shield Type
Material
Coverage
Drainwire Type
Tape
Bi-Laminate (Alum+Poly) 100%
18 AWG (19x30) TC
Inner Jacket
Element
Material
Nom. Thickness
Nom. Diameter
Pair(s)
PVC - Polyvinyl Chloride 0.015 in (0.38 mm) 0.133 in (3.38 mm)
Outer Jacket
Material
Nom. Thickness
Nom. Diameter
Ripcord
PVC - Polyvinyl Chloride 0.030 in (0.76 mm) 0.503 in (12.8 mm) Yes
Overall Cable Diameter (Nominal):
0.503 in (12.8 mm)
Electrical Characteristics
Electricals
Element
Nom. Conductor
DCR
Nom. Capacitance
Cond-to-Cond
Nom. Capacitance Cond-to-Other (Conds +
Shield)
Nom. Characteristic
Impedence
Nom. Velocity of
Prop.
Max. Current
Pair(s)
14.8 Ohm/1000ft
31 pF/ft (100 pF/m)
56 pF/ft (180 pF/m)
50 Ohm
66%
1.45 Amps per conductor @
25°C
Voltage
UL Voltage Rating
300 V (CMR)


Similar Part No. - 1817R

ManufacturerPart #DatasheetDescription
logo
Heyco.
1817 HEYCO-1817 Datasheet
173Kb / 1P
RDD Lockit™ Strain Relief Bushings – Right Angle
logo
ASSUN MOTOR Pte Ltd.
1817 ASSUN-1817 Datasheet
229Kb / 1P
STANDARD SERIES
2023-A
1817 ASSUN-1817 Datasheet
275Kb / 1P
HIGH TEMPERATURE SERIES
2023
1817 ASSUN-1817 Datasheet
229Kb / 1P
STANDARD SERIES
2023-A
1817 ASSUN-1817 Datasheet
4Mb / 1P
BUILT-IN SERVO DRIVE INTEGRATED MOTOR-Brushless
2024-A
More results

Similar Description - 1817R

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1815WB BELDEN-1815WB Datasheet
202Kb / 2P
Audio Snake Cable, 4 Pr #22 Str TC, Ind. Shielded & Jacketed, O/A Foil, PE Jkt, Waterblocked
11-09-2022
1819R BELDEN-1819R Datasheet
176Kb / 2P
Audio Snake Cable, 16 Pr #22 Str TC, Ind. Shielded & Jacketed, O/A Foil,PVC Jkt, CMR
11-09-2022
1821R BELDEN-1821R Datasheet
203Kb / 2P
Audio Snake Cable, 24 Pr #22 Str TC, Ind. Shielded & Jacketed, O/A Foil,PVC Jkt, CMR
11-09-2022
1815R BELDEN-1815R Datasheet
177Kb / 2P
Audio Snake Cable, 4 Pr #22 Str TC, Ind. Shielded & Jacketed, O/A Foil, PVC Jkt, CMR
01-20-2023
1816WB BELDEN-1816WB Datasheet
202Kb / 2P
Audio Snake Cable, 6 Pr #22 Str TC, Ind. Shielded & Jacketed, O/A Foil, PE Jkt, Waterblocked
11-09-2022
1817WB BELDEN-1817WB Datasheet
176Kb / 2P
Audio Snake Cable, 8 Pr #22 Str TC, Ind. Shielded & Jacketed, O/A Foil, PE Jkt, Waterblocked
11-09-2022
1818R BELDEN-1818R Datasheet
151Kb / 2P
Audio Snake Cable, 12 Pr #22 Str TC, Ind. Shielded & Jacketed, O/A Foil,PVC Jkt, CMR
12-19-2022
1823R BELDEN-1823R Datasheet
203Kb / 2P
Audio Snake Cable, 32 Pr #22 Str TC, Ind. Shielded & Jacketed, O/A Foil,PVC Jkt, CMR
12-19-2022
1814R BELDEN-1814R Datasheet
151Kb / 2P
Audio Snake Cable, 2 Pr #22 Str TC, Ind. Shielded & Jacketed, O/A Foil, PVC Jkt, CMR
12-19-2022
1816R BELDEN-1816R Datasheet
177Kb / 2P
Audio Snake Cable, 6 Pr #22 Str TC, Ind. Shielded & Jacketed, O/A Foil, PVC Jkt, CMR
12-19-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com