Electronic Components Datasheet Search
  English  ▼

X  

8422 Datasheet(PDF) 1 Page - Belden Inc.

Part # 8422
Description  Microphone Cable, 2 C #22 Str TC, 85% TC Braid, Cotton Braid, PVC Jkt
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

8422 Datasheet(HTML) 1 Page - Belden Inc.

  8422 Datasheet HTML 1Page - Belden Inc. 8422 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 8422
Microphone Cable, 2 C #22 Str TC, 85% TC Braid, Cotton Braid, PVC Jkt
Product Description
Microphone Cable, 2 Conductor 22 AWG (16 x 34) Tinned Copper (High conductivity), PE Insulation, 85% Tinned Copper Braid Shield, Cotton Braid, PVC
Jacket
Technical Specifications
Product Overview
Suitable Applications:
Low frequency microphone or musical instruments; Balanced analog audio; Low Noise for high-EMI environments
Construction Details
Conductor
Element
No. of Elements
Size
Stranding
Material
Conductor(s) 2
22 AWG 16x34
TC - Tinned Copper (High Conductivity)
Insulation
Element
Material
Nom. Thickness
Nom. Insulation Diameter Color Code
Conductor(s) PE - Polyethylene 0.021 in (0.53 mm) 0.072 in (1.8 mm)
Clear, Black
Outer Shield
Shield Type
Material
Coverage
Braid
Cotton
85%
Braid
Tinned Copper (TC) 85%
Outer Jacket
Material
Nom. Thickness
Nom. Diameter
PVC - Polyvinyl Chloride 0.029 in (0.74 mm) 0.231 in (5.87 mm)
Overall Cable Diameter (Nominal):
0.231 in (5.87 mm)
Electrical Characteristics
Electricals
Element
Nom. Conductor
DCR
Nom. Capacitance Cond-to-Cond Nom. Capacitance Cond-to-Other (Conds + Shield) Nom. Characteristic Impedence
Max. Current
Conductor(s) 15.9 Ohm/1000ft
18 pF/ft (59 pF/m)
32 pF/ft (100 pF/m)
90 Ohm
2.9 Amps per conductor @ 25°C
Voltage
Voltage Rating
1000 V
Mechanical Characteristics
Temperature
Operating
-40°C to +80°C
Bend Radius
Stationary Min. Installation Min.


Similar Part No. - 8422

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8422 FILTRAN-8422 Datasheet
103Kb / 1P
CHOKE Current Compensated Chokes
logo
PHOENIX CONTACT
8422 PHOENIX-8422 Datasheet
342Kb / 28P
AXL E EIP DIO16 M12 6M
logo
Keystone Electronics Co...
8422 KEYSTONE-8422 Datasheet
310Kb / 1P
MALE/FEMALE THREADED STANDOFFS
logo
ASM GmbH
8422-51 ASM-SENSOR-8422-51 Datasheet
1Mb / 8P
MEMORY HiLOGGER
logo
Integrated Device Techn...
8422002AGI-01 IDT-8422002AGI-01 Datasheet
718Kb / 15P
FEMTOCLOCKS??CRYSTAL-TOLVHSTL FREQUENCY SYNTHESIZER
More results

Similar Description - 8422

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8418 BELDEN-8418 Datasheet
177Kb / 2P
Microphone Cable, 8 C #20 Str TC, Rayon & 85% TC Braid, Cotton Serve,EPDM Jkt, Flexible
01-20-2023
8423 BELDEN-8423 Datasheet
164Kb / 2P
Microphone Cable, 3 C #20 Str TC, Rayon & 85% TC Braid, Cotton Serve,EPDM Jkt
01-20-2023
8424 BELDEN-8424 Datasheet
197Kb / 2P
Microphone Cable, Star Quad, 4 C #20 Str TC, Rayon & 85% TC Braid,Cotton Serve, EPDM Jkt, Flexible
01-20-2023
8403 BELDEN-8403 Datasheet
170Kb / 2P
Microphone Cable, 3 C #20 Str TC, Rayon & 90% TC Braid, PVC Jkt
01-20-2023
8404 BELDEN-8404 Datasheet
209Kb / 2P
Microphone Cable, Star Quad, 4 C #20 Str TC, Rayon & 85% TC Braid, PVC Jkt
01-20-2023
8425 BELDEN-8425 Datasheet
169Kb / 2P
Microphone Cable, 5 C #20 Str TC, Rayon & 85% TC Braid, Cotton Serve,EPDM Jkt, Flexible
01-20-2023
8407 BELDEN-8407 Datasheet
174Kb / 2P
Microphone Cable, Star Quad, 4 C #16 Str TC, Rayon & 85% TC Braid,Cotton Serve, CPE Jkt
01-20-2023
8426 BELDEN-8426 Datasheet
169Kb / 2P
Microphone Cable, 6 C #20 Str TC, Rayon & 85% TC Braid, Cotton Serve,EPDM Jkt, Flexible
01-20-2023
8427 BELDEN-8427 Datasheet
170Kb / 2P
Microphone Cable, 7 C #20 Str TC, Rayon & 85% TC Braid, Cotton Serve,EPDM Jkt, Flexible
01-20-2023
8441 BELDEN-8441 Datasheet
169Kb / 2P
Audio, Control and Instrumentation Cable, 1 Pr #22 Str TC, 85% TC Braid,PVC Jkt, CMG
01-20-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com