Electronic Components Datasheet Search
  English  ▼

X  

9397 Datasheet(PDF) 1 Page - Belden Inc.

Part # 9397
Description  Microphone Cable, 2 Conductor 24 AWG, BC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

9397 Datasheet(HTML) 1 Page - Belden Inc.

  9397 Datasheet HTML 1Page - Belden Inc. 9397 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 9397
Microphone Cable, 2 Conductor 24 AWG, BC
Product Description
24 AWG stranded (105x44) high-conductivity bare copper conductors, PVC insulation, double bare copper spiral shield (95% coverage), PVC jacket.
Technical Specifications
Physical Characteristics (Overall)
Conductor
AWG Stranding
Material
Nominal Diameter No. of Conductors
24
105x44
BC - Bare Copper (High Conductivity) 0.024 in
2
Conductor Count:
2
Insulation
Material
Nominal Diameter Nominal Wall Thickness
PVC - Polyvinyl Chloride 0.048 in
0.012 in
Outer Shield
Type
Material
Coverage [%]
Spiral Serve / Screen Bare Copper (BC) 95%
Outer Jacket
Material
Nominal Diameter Nominal Wall Thickness
PVC - Polyvinyl Chloride 0.176 in
0.031 in
Electrical Characteristics
Conductor DCR
Nominal Conductor DCR Nominal Conductor DCR Conductor Resistance
24.6 Ohm/1000ft
24.6 Ohm/1000ft
Capacitance
Nom. Capacitance Conductor to
Conductor
Nom. Capacitance Conductor to Other Conductor to Shield
47.3 pF/ft
110 pF/ft
Inductance
Nominal Inductance
0.19 µH/ft
Impedance
Nominal Characteristic Impedance
47 Ohm
Current
Max. Recommended Current [A]
3.36 Amps per Conductor at 25ºC
Voltage


Similar Part No. - 9397

ManufacturerPart #DatasheetDescription
logo
Abbatron All Rights Res...
9397A-9397Y ABBATRON-9397A-9397Y Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
KISTLER INSTRUMENT CORP...
9397C KISTLER-9397C Datasheet
1Mb / 6P
Triaxial load cell Measuring range in Fz ±3 kN up to -200 ... 450 kN
More results

Similar Description - 9397

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8428 BELDEN-8428 Datasheet
177Kb / 2P
Microphone Cable, 2 Conductor 18 AWG, TC
01-20-2023
8402 BELDEN-8402 Datasheet
172Kb / 2P
Microphone Cable, 2 Conductor 20 AWG, TC
12-20-2022
9398 BELDEN-9398 Datasheet
194Kb / 2P
Microphone Cable, 3 Conductor 24 AWG, BC
12-20-2022
1812A BELDEN-1812A Datasheet
186Kb / 2P
Microphone Cable, 2 Conductor 24 AWG, BC
12-20-2022
1813A BELDEN-1813A Datasheet
184Kb / 2P
Audio Cable, 2 Conductor 24 AWG, BC
01-20-2023
1353A BELDEN-1353A Datasheet
143Kb / 2P
Digital Audio Cable, 2 Conductor 24 AWG, BC, CMR
12-20-2022
8406 BELDEN-8406 Datasheet
145Kb / 2P
Microphone Cable, 3 Conductor 24 AWG, TC
12-20-2022
8413 BELDEN-8413 Datasheet
143Kb / 2P
Microphone Cable, 2 Conductor 24 AWG, TC
12-20-2022
9399 BELDEN-9399 Datasheet
170Kb / 2P
Microphone Cable, 2 Conductor 24 AWG, TC
11-09-2022
8782 BELDEN-8782 Datasheet
143Kb / 2P
Speaker Cable, 2 Conductor 24 AWG BC, Unshielded, CM
01-20-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com