Electronic Components Datasheet Search
  English  ▼

X  

9451PS4 Datasheet(PDF) 2 Page - Belden Inc.

Part # 9451PS4
Description  Audio Snake Cable, 4 Pair 22 AWG, TC, Indiv. Shielded, CMP
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

9451PS4 Datasheet(HTML) 2 Page - Belden Inc.

  9451PS4 Datasheet HTML 1Page - Belden Inc. 9451PS4 Datasheet HTML 2Page - Belden Inc. 9451PS4 Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Inductance
Nominal Inductance
0.15 µH/ft
Delay
Nominal Delay Nominal Velocity of Propagation (VP) [%]
1.47 ns/ft
69%
Current
Max. Recommended Current [A]
2.9 Amps per Conductor at 25ºC
Voltage
UL Voltage Rating
300 V RMS
Temperature Range
UL Temp Rating:
60°C
Operating Temperature Range:
-20°C To +75°C
Mechanical Characteristics
Bulk Cable Weight:
60 lbs/1000ft
Max. Pull Tension:
108 lbs
Min. Bend Radius/Minor Axis:
3.25 in
Standards
NEC/(UL) Compliance:
CMP
CEC/C(UL) Compliance:
CMP
Applicable Environmental and Other Programs
Environmental Space:
Indoor - Plenum
EU Directive 2000/53/EC (ELV):
Yes
EU Directive 2003/11/EC (BFR):
Yes
EU Directive 2011/65/EU (RoHS 2):
Yes
EU Directive 2012/19/EU (WEEE):
Yes
EU Directive 2015/863/EU (RoHS 2 amendment): Yes
EU Directive Compliance:
EU Directive 2003/11/EC (BFR)
EU CE Mark:
Yes
MII Order #39 (China RoHS):
Yes
Suitability
Suitability - Indoor:
Yes
Flammability, LS0H, Toxicity Testing
UL Flammability:
NFPA 262
CSA Flammability:
FT6
UL voltage rating:
300 V RMS
Plenum/Non-Plenum
Plenum (Y/N):
Yes
Related Part Numbers
Variants
Item #
Color Put-Up Type Length
UPC
9451PS4 010500
Black
Reel
500 ft
612825253112
9451PS4 0101000 Black
Reel
1,000 ft 612825253105
9451PS4 008500
Gray
Reel
500 ft
612825253099
9451PS4 0081000 Gray
Reel
1,000 ft 612825253082



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com