Electronic Components Datasheet Search
  English  ▼

X  

BT149B Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BT149B
Description  Thyristors logic level
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BT149B Datasheet(HTML) 4 Page - NXP Semiconductors

  BT149B Datasheet HTML 1Page - NXP Semiconductors BT149B Datasheet HTML 2Page - NXP Semiconductors BT149B Datasheet HTML 3Page - NXP Semiconductors BT149B Datasheet HTML 4Page - NXP Semiconductors BT149B Datasheet HTML 5Page - NXP Semiconductors BT149B Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Philips Semiconductors
Product specification
Thyristors
BT149 series
logic level
Fig.7. Normalised gate trigger current
I
GT(Tj)/ IGT(25˚C), versus junction temperature Tj.
Fig.8. Normalised latching current I
L(Tj)/ IL(25˚C),
versus junction temperature T
j, RGK = 1 kΩ.
Fig.9. Normalised holding current I
H(Tj)/ IH(25˚C),
versus junction temperature T
j, RGK = 1 kΩ.
Fig.10. Typical and maximum on-state characteristic.
Fig.11. Transient thermal impedance Z
th j-lead, versus
pulse width t
p.
Fig.12. Typical, critical rate of rise of off-state voltage,
dV
D/dt versus junction temperature Tj.
-50
0
50
100
150
0
0.5
1
1.5
2
2.5
3
BT169
Tj / C
IGT(Tj)
IGT(25 C)
0
0.5
1
1.5
2
2.5
0
1
2
3
4
5
typ
BT169
VT / V
IT / A
max
Tj = 125 C
Tj = 25 C
Vo = 1.067 V
Rs = 0.187 ohms
-50
0
50
100
150
0
0.5
1
1.5
2
2.5
3
BT169
Tj / C
IL(Tj)
IL(25 C)
10us
0.1ms
1ms
10ms
0.1s
1s
10s
tp / s
0.01
0.1
1
10
Zth j-lead (K/W)
100
t
p
P
t
D
BT169
-50
0
50
100
150
0
0.5
1
1.5
2
2.5
3
BT169
Tj / C
IH(Tj)
IH(25 C)
0
50
100
150
1
10
100
1000
Tj / C
dVD/dt (V/us)
RGK = 1 kohms
September 1997
4
Rev 1.200



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com