Electronic Components Datasheet Search
  English  ▼

X  

ED-593 Datasheet(PDF) 2 Page - Black Box Registered Trademark

Part # ED-593
Description  ED-593 Ethernet to 8x Thermocouple
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BLACKBOX [Black Box Registered Trademark]
Direct Link  https://www.blackbox.com/en-us
Logo BLACKBOX - Black Box Registered Trademark

ED-593 Datasheet(HTML) 2 Page - Black Box Registered Trademark

  ED-593 Datasheet HTML 1Page - Black Box Registered Trademark ED-593 Datasheet HTML 2Page - Black Box Registered Trademark ED-593 Datasheet HTML 3Page - Black Box Registered Trademark ED-593 Datasheet HTML 4Page - Black Box Registered Trademark ED-593 Datasheet HTML 5Page - Black Box Registered Trademark ED-593 Datasheet HTML 6Page - Black Box Registered Trademark  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
UK +44 (0)151 220 2500 // USA +1 855 958 2502
www.brainboxes.com // sales@brainboxes.com
Connectors
Screw Terminals
3.5mm pitch
Wire Thickness
#22 - #14, 0.5mm2-2.5mm2
Environmental
Operating Temperature
-40ºC to +80ºC / -40ºF to +176ºF
Storage Temperature
-40ºC to +85ºC / -40ºF to +185ºF
Ambient Relative Humidity
5 to 95% (non-condensing)
Magjack LED Information
Link/Activity LED
Solid green
Connection established
Flashing Green
Data communication
Speed LED
Green
100Base-Tx
Unlit
10Base-T
Ethernet
Ethernet Port
RJ45 jack, 10/100Mhz autosensing, crossover auto sensing (Auto MDIX)
Protection
1,500 Volts Magnetic Isolation On Port
Housing
IP-20 rated non-conducting polyamide case
Easy wire removable screw terminal blocks
Wide range input power: +5VDC to +30VDC
Integral DIN rail clip with earth
-40ºC to +80ºC/-40ºF to
+176ºF operating temp. range
Cold Junction Compensation
(CJC)
Serial expansion port suitable for
ADAM modules
View from webpage - no
software required
Integrate with popular
software packages or use with
our free APIs
8 thermocouple inputs
Ethernet to 8x Thermocouple
ED-593
IP20 non-conducting polyamide
case with vents



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com