Electronic Components Datasheet Search
  English  ▼

X  

ES-246 Datasheet(PDF) 2 Page - Black Box Registered Trademark

Part # ES-246
Description  ES-246 ETHERNET TO SERIAL DEVICE SERVER Ethernet 1 Port RS232
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BLACKBOX [Black Box Registered Trademark]
Direct Link  https://www.blackbox.com/en-us
Logo BLACKBOX - Black Box Registered Trademark

ES-246 Datasheet(HTML) 2 Page - Black Box Registered Trademark

  ES-246 Datasheet HTML 1Page - Black Box Registered Trademark ES-246 Datasheet HTML 2Page - Black Box Registered Trademark ES-246 Datasheet HTML 3Page - Black Box Registered Trademark ES-246 Datasheet HTML 4Page - Black Box Registered Trademark  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
+44(0) 151 220 2500 sales@brainboxes.com www.brainboxes.com
ES-246 Ethernet 1 Port RS232
Box Information
LED Information
Status LED
Green
Device Ready
Flashing Yellow
Changing Settings
Flashing between Red & Green
Querying IP
Flashing Green/Red
User performing Hard Reset
Flashing between Green & Red/Yellow
IP address diagnostic
Flashing between Green & Yellow
Initialization diagnostic
Serial Port LEDs
Green light on
Port Open
Flashing Green
Data RX / TX
Network LED
Green light on
Link Established
Flashing Green
Data RX / TX
Port
Ports
1 port RS232
Connector
DB9 Connector - 9 Pin Male
Power Input
5 - 30V DC input, reverse polarity protected
Power Consumption
0.76W Typical
29
97
77
101



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com