Electronic Components Datasheet Search
  English  ▼

X  

ES-313 Datasheet(PDF) 1 Page - Black Box Registered Trademark

Part # ES-313
Description  ES-313 ETHERNET TO SERIAL DEVICE SERVER Ethernet 2 Port RS422/485
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BLACKBOX [Black Box Registered Trademark]
Direct Link  https://www.blackbox.com/en-us
Logo BLACKBOX - Black Box Registered Trademark

ES-313 Datasheet(HTML) 1 Page - Black Box Registered Trademark

  ES-313 Datasheet HTML 1Page - Black Box Registered Trademark ES-313 Datasheet HTML 2Page - Black Box Registered Trademark ES-313 Datasheet HTML 3Page - Black Box Registered Trademark ES-313 Datasheet HTML 4Page - Black Box Registered Trademark  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
+44(0) 151 220 2500 sales@brainboxes.com www.brainboxes.com
ES-313 ETHERNET TO SERIAL DEVICE SERVER
Ethernet 2 Port RS422/485
CONNECT, CONFIGURE, CONTROL YOUR SERIAL DEVICES
Description
Ethernet to Serial device server providing access to two RS422/485 serial ports. Data transfer rates up to 1,000,000 baud, coupled with 1Mbit/s
line drivers deliver uncompromising performance. Our ES range provides simple instant networked serial ports. RS485 - 1 twisted pair - half duplex
configuration with autogating provides trouble free data transmission due to automatic control of data direction. A web interface allows secure
configuration and control of the serial ports over a local network or the internet using any browser. For Windows our in-house designed 32 bit
and 64 bit driver gives you local COM ports, retaining existing software applications and allowing you to connect across your network to remote
devices just as if they were attached locally. Serial Port Tunnelling individually configurable allows serial cable replacement over any distance, no
software required. You can access the device via TCP/IP sockets from any networked device like an Android tablet, PC or phone. On Windows OS
TCP/IP sockets are handled by the Winsock API, this will differ on other OSs.
Windows Users - Our software drivers gives you local COM ports, allowing you to retain your existing software applications and connect to your
devices over the network. COM Port can be assigned from COM1 to COM255 and the Brainboxes Ethernet to serial device remembers your COM
Port assignment on reboots.
Web Interface Users (Linux/Apple OS/Android) - Alternatively access the device via TCP/IP socket from any networked device. Configure options
via web interface.
Extend your reach! Remote serial devices with local control. With Brainboxes industry renowned Lifetime Warranty and Lifetime Support!
Example Application
Features
l
2 port RS422/485
l
Max baud rate 1,000,000 1 MegaBaud
l
10/100Base TX Ethernet port
l
User friendly interface, simple to use, powerful in operation
l
Web configuration and RFC2217 compliant interface
l
IP-30 rated enclosure
l
LED status indication
l
Optional DIN rail mounting kit
l
Serial Port Tunneling (individually configurable) allows serial cable
replacement over any distance, no software required
l
Power supply included with screw fix connector (5-30V DC)
l
Simple operation for each and every operating system!
l
Lifetime Warranty
l
Lifetime Support
ES-313
Stepper Motor Control
Server


Similar Part No. - ES-313

ManufacturerPart #DatasheetDescription
logo
Brainboxes Limited
ES-313 BRAINBOXE-ES-313 Datasheet
2Mb / 7P
SPRING LOADED DIN RAIL MOUNT 35MM WIDTH
More results

Similar Description - ES-313

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ES-413 ETC2-ES-413 Datasheet
1Mb / 4P
ES-413 PoE ETHERNET TO SERIAL DEVICE SERVER Ethernet 2 Port RS422/485 Power Over Ethernet PoE
ES-420 ETC2-ES-420 Datasheet
1Mb / 4P
ES-420 PoE ETHERNET TO SERIAL DEVICE SERVER Ethernet 1 Port RS422/485 Power Over Ethernet PoE
logo
Black Box Registered Tr...
ES-020 BLACKBOX-ES-020 Datasheet
1Mb / 4P
ES-020 ETHERNET TO SERIAL DEVICE SERVER
ES-246 BLACKBOX-ES-246 Datasheet
956Kb / 4P
ES-246 ETHERNET TO SERIAL DEVICE SERVER Ethernet 1 Port RS232
ES-257 BLACKBOX-ES-257 Datasheet
1Mb / 4P
ES-257 ETHERNET TO SERIAL DEVICE SERVER Ethernet 2 Port RS232
ES-279 BLACKBOX-ES-279 Datasheet
944Kb / 4P
ES-279 ETHERNET TO SERIAL DEVICE SERVER Ethernet 8 Port RS232
ES-320 BLACKBOX-ES-320 Datasheet
527Kb / 4P
ES-320 ETHERNET TO SERIAL DEVICE SERVER Ethernet 1 Port RS422/485
ES-346 BLACKBOX-ES-346 Datasheet
636Kb / 4P
ES-346 ETHERNET TO SERIAL DEVICE SERVER Ethernet 4 Port RS422/485
ES-357 BLACKBOX-ES-357 Datasheet
1Mb / 4P
ES-357 ETHERNET TO SERIAL DEVICE SERVER Ethernet 1 Port RS232 1 Port RS422/485
ES-842 BLACKBOX-ES-842 Datasheet
713Kb / 4P
ETHERNET TO SERIAL DEVICE SERVER Ethernet 8 Port RS422/485
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com