Electronic Components Datasheet Search
  English  ▼

X  

ES-522 Datasheet(PDF) 1 Page - Black Box Registered Trademark

Part # ES-522
Description  ES-522 Industrial Ethernet Serial
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BLACKBOX [Black Box Registered Trademark]
Direct Link  https://www.blackbox.com/en-us
Logo BLACKBOX - Black Box Registered Trademark

ES-522 Datasheet(HTML) 1 Page - Black Box Registered Trademark

  ES-522 Datasheet HTML 1Page - Black Box Registered Trademark ES-522 Datasheet HTML 2Page - Black Box Registered Trademark ES-522 Datasheet HTML 3Page - Black Box Registered Trademark ES-522 Datasheet HTML 4Page - Black Box Registered Trademark ES-522 Datasheet HTML 5Page - Black Box Registered Trademark ES-522 Datasheet HTML 6Page - Black Box Registered Trademark  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UK +44 (0)151 220 2500 // USA +1 (919) 241 8487
www.brainboxes.com // sales@brainboxes.com
Integral DIN mount and slim
design takes up minimal
cabinet space
+5 to +30 Volt Power Input
enables the device to be run
from USB, a vehicle battery or
the factory floor
Industrial Ethernet Serial
GB AEOF 00031/11
Non conducting polyamide
casing with removable
numbered terminal blocks for
easy wiring
• 2 Serial ports Selectable as
RS232/422/485
• Max baud rate 1 MegaBaud, any
Custom Baud Rate
• 1 10/100Base TX Ethernet Port
• -40°C to +80°C/-40ºF to +176ºF
Temperature range
2xRS232/422/485 Industrial Ethernet to Serial
ES-522


Similar Part No. - ES-522

ManufacturerPart #DatasheetDescription
logo
Brainboxes Limited
ES-522 BRAINBOXE-ES-522 Datasheet
2Mb / 7P
SPRING LOADED DIN RAIL MOUNT 35MM WIDTH
More results

Similar Description - ES-522

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
ESERV-11T12T REDLION-ESERV-11T12T Datasheet
1Mb / 3P
Industrial Ethernet Serial Server
logo
Black Box Registered Tr...
ES-020 BLACKBOX-ES-020 Datasheet
1Mb / 4P
ES-020 ETHERNET TO SERIAL DEVICE SERVER
ES-246 BLACKBOX-ES-246 Datasheet
956Kb / 4P
ES-246 ETHERNET TO SERIAL DEVICE SERVER Ethernet 1 Port RS232
ES-257 BLACKBOX-ES-257 Datasheet
1Mb / 4P
ES-257 ETHERNET TO SERIAL DEVICE SERVER Ethernet 2 Port RS232
ES-279 BLACKBOX-ES-279 Datasheet
944Kb / 4P
ES-279 ETHERNET TO SERIAL DEVICE SERVER Ethernet 8 Port RS232
ES-313 BLACKBOX-ES-313 Datasheet
541Kb / 4P
ES-313 ETHERNET TO SERIAL DEVICE SERVER Ethernet 2 Port RS422/485
ES-320 BLACKBOX-ES-320 Datasheet
527Kb / 4P
ES-320 ETHERNET TO SERIAL DEVICE SERVER Ethernet 1 Port RS422/485
ES-346 BLACKBOX-ES-346 Datasheet
636Kb / 4P
ES-346 ETHERNET TO SERIAL DEVICE SERVER Ethernet 4 Port RS422/485
ES-511 BLACKBOX-ES-511 Datasheet
1Mb / 6P
ES-511 Industrial Ethernet Serial
ES-551 BLACKBOX-ES-551 Datasheet
1Mb / 6P
ES-551 Industrial Ethernet Serial
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com