Electronic Components Datasheet Search
  English  ▼

X  

SW-104 Datasheet(PDF) 1 Page - Black Box Registered Trademark

Part # SW-104
Description  4 Port Unmanaged Ethernet Switch 10/100
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BLACKBOX [Black Box Registered Trademark]
Direct Link  https://www.blackbox.com/en-us
Logo BLACKBOX - Black Box Registered Trademark

SW-104 Datasheet(HTML) 1 Page - Black Box Registered Trademark

  SW-104 Datasheet HTML 1Page - Black Box Registered Trademark SW-104 Datasheet HTML 2Page - Black Box Registered Trademark SW-104 Datasheet HTML 3Page - Black Box Registered Trademark SW-104 Datasheet HTML 4Page - Black Box Registered Trademark  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UK +44 (0)151 220 2500 // USA +1 (919) 241 8487
www.brainboxes.com // sales@brainboxes.com
GB AEOF 00031/11
Provides additional Ethernet
ports for your custom
application
Embedded format, takes up
minimal space, with mounting
holes are connected to
Functional Earth
+5 to +30 Volt Power Input
enables the device to be run
from a standard car battery -
ideal for in vehicle applications
• 4 Port 10/100 Mbs Ethernet Switch
• Redundant dual power inputs: +5V to
+30V DC
• No software required - Simply plug in
and connect
• Industrial temperature range
4 Port Unmanaged Ethernet Switch 10/100
Embedded 4 Port Ethernet Switch
SW-104


Similar Part No. - SW-104

ManufacturerPart #DatasheetDescription
logo
Black Box Registered Tr...
SW-105 BLACKBOX-SW-105 Datasheet
1Mb / 4P
5 Port Unmanaged Ethernet Switch 10/100
logo
Tyco Electronics
SW-106 MACOM-SW-106 Datasheet
105Kb / 3P
High Power GaAs SPDT Switch DC - 3 GHz
SW-106PIN MACOM-SW-106PIN Datasheet
105Kb / 3P
High Power GaAs SPDT Switch DC - 3 GHz
logo
Black Box Registered Tr...
SW-108 BLACKBOX-SW-108 Datasheet
1Mb / 4P
8 Port Unmanaged Ethernet Switch 10/100
More results

Similar Description - SW-104

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MDS108A ZARLINK-MDS108A Datasheet
308Kb / 37P
Unmanaged 9-Port 10/100 Mbps Ethernet Switch
ZL50400 ZARLINK-ZL50400 Datasheet
737Kb / 124P
Lightly Managed/Unmanaged 9-Port 10/100 M Ethernet Switch
MDS105 ZARLINK-MDS105 Datasheet
307Kb / 35P
Unmanaged 5-Port 10/100 Mbps Ethernet Switch
MVTX2601 ZARLINK-MVTX2601 Datasheet
686Kb / 91P
Unmanaged 24-Port 10/100 Mbps Ethernet Switch
logo
Glenair, Inc.
050_119 GLENAIR-050_119 Datasheet
635Kb / 15P
4-Port Unmanaged Ethernet Switch
050-119 GLENAIR-050-119 Datasheet
635Kb / 15P
4-Port Unmanaged Ethernet Switch
logo
Axiomtek Co., Ltd.
EX16900 AXIOMTEK-EX16900 Datasheet
405Kb / 3P
Unmanaged 5/8-port 10/100/1000BASE Ethernet Switch
logo
ORing Industrial Networ...
IGS-1082GP ORING-IGS-1082GP Datasheet
303Kb / 4P
Industrial 10-port unmanaged Gigabit Ethernet switch
logo
Black Box Registered Tr...
SW-105 BLACKBOX-SW-105 Datasheet
1Mb / 4P
5 Port Unmanaged Ethernet Switch 10/100
SW-108 BLACKBOX-SW-108 Datasheet
1Mb / 4P
8 Port Unmanaged Ethernet Switch 10/100
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com