Electronic Components Datasheet Search
  English  ▼

X  

SW-105 Datasheet(PDF) 2 Page - Black Box Registered Trademark

Part # SW-105
Description  5 Port Unmanaged Ethernet Switch 10/100
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BLACKBOX [Black Box Registered Trademark]
Direct Link  https://www.blackbox.com/en-us
Logo BLACKBOX - Black Box Registered Trademark

SW-105 Datasheet(HTML) 2 Page - Black Box Registered Trademark

  SW-105 Datasheet HTML 1Page - Black Box Registered Trademark SW-105 Datasheet HTML 2Page - Black Box Registered Trademark SW-105 Datasheet HTML 3Page - Black Box Registered Trademark SW-105 Datasheet HTML 4Page - Black Box Registered Trademark  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
UK +44 (0)151 220 2500 // USA +1 (919) 241 8487
www.brainboxes.com // sales@brainboxes.com
Easy Wire Removable screw terminal block
No software needed: Simply plug in
any ethernet cable
Dual redundant power input:
+5VDC to +30VDC
Power consumption is optimised
based on the status of the link
device
All Ethernet ports are Auto MDI/
MDIX supporting straight through or
crossover Ethernet cables
2k Byte maximum packet size –
improves the efficiency of bulk data
transfer and system performance
Automatic detection of data
transmission speed: 10 or 100 MBps
-40ºC to +80ºC/-40ºF to +176ºF
temperature range
Ready for embedded
applications
Embedded 5 Port Ethernet Switch 10/100
SW-105
Connectors
Screw Terminals
3.5mm pitch, #22 - #14, 0.5mm2-2.5mm2 pin power supply
Wire Thickness
0.150 inch, 3.81mm, 20 pins, 12+8 screw terminals, #26 - #16 AWG,
0.14mm2-1.3mm2
Power Supply
Power Consumption
1.35 Watts Max : 260 mAmps@+5VDC/45mAmps@+30VDC
Power Supply input
Unregulated +5V to +30Volts DC, reverse polarity protection
Isolation
1500VRMS Magnetic isolation from Ethernet
Environmental
Operating Temperature
-40ºC to +80ºC/-40ºF to +176ºF
Storage Temperature
-40ºC to +80ºC/-40ºF to +176ºF
Ambient Relative Humidity
5 to 95% (non-condensing)
Magjack LED Information
Link/Activity LED
Solid green
Connection established
Flashing Green
Data communication
Ethernet
Ethernet Port
5 x RJ45 jack, 10/100Mhz autosensing, crossover auto sensing (Auto
MDIX)
Protection
1,500 Volts magnetic isolation between ports
Housing
This device is uncased for embedded applications
The mounting holes are connected to Functional Earth



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com