Electronic Components Datasheet Search
  English  ▼

X  

SW-108 Datasheet(PDF) 4 Page - Black Box Registered Trademark

Part # SW-108
Description  8 Port Unmanaged Ethernet Switch 10/100
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BLACKBOX [Black Box Registered Trademark]
Direct Link  https://www.blackbox.com/en-us
Logo BLACKBOX - Black Box Registered Trademark

SW-108 Datasheet(HTML) 4 Page - Black Box Registered Trademark

  SW-108 Datasheet HTML 1Page - Black Box Registered Trademark SW-108 Datasheet HTML 2Page - Black Box Registered Trademark SW-108 Datasheet HTML 3Page - Black Box Registered Trademark SW-108 Datasheet HTML 4Page - Black Box Registered Trademark  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
UK +44 (0)151 220 2500 // USA +1 (919) 241 8487
www.brainboxes.com // sales@brainboxes.com
© Brainboxes 2018
BBSW150518
Embedded 8 Port Ethernet Switch 10/100
SW-108
SW Range
Switch products available
in a range of formats and
specifications.
www.brainboxes.com
PW-650
Power supply with USB
connector and prewired screw
terminal block. Suitable for use
with 5V USB ports.
PW-600
Power supply with connectors
for UK, USA, EU and AUS mains
socket. ‘Tails’ are suitable for
connecting to screw terminal
blocks.
Packaging Information
Packaging
Quick Start Guide
Device
Ethernet Switch 8 port
Packaged Weight
0.110 kg, 3.88 ounces
Packaged Dims
160x135x49 mm, 6.3x5.3x1.9 inches
GTIN Universal Code
837324004151
Approvals
Industry Approvals
Microsoft Certified Gold Partner, WEEE, RoHS, AEO (C-TPAT), CE, UKCA,
METL Complies with UL62368-1
Product Support
Warranty
Lifetime - online registration required
Support
Lifetime Web, Email and Phone Support from fully qualified, friendly staff
who work in and alongside the Product Development Team
Additional Information
OEM option
Available for bulk buy OEM
Made In
Manufactured in the UK by Brainboxes Winner 2005 European Electronics
Industry Awards ‘Manufacturer of the Year’
Customisable
Brainboxes operate a ‘Perfect Fit Custom Design’ policy for volume users.
More info:sales@brainboxes.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com