Electronic Components Datasheet Search
  English  ▼

X  

US-720 Datasheet(PDF) 2 Page - Black Box Registered Trademark

Part # US-720
Description  USB-C to 1 Port 422/485 Industrial USB to Serial Adaptor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BLACKBOX [Black Box Registered Trademark]
Direct Link  https://www.blackbox.com/en-us
Logo BLACKBOX - Black Box Registered Trademark

US-720 Datasheet(HTML) 2 Page - Black Box Registered Trademark

  US-720 Datasheet HTML 1Page - Black Box Registered Trademark US-720 Datasheet HTML 2Page - Black Box Registered Trademark US-720 Datasheet HTML 3Page - Black Box Registered Trademark US-720 Datasheet HTML 4Page - Black Box Registered Trademark  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
USB-C Range
UK +44 (0)151 220 2500 // USA +1 855 958 2502 //
www.brainboxes.com // sales@brainboxes.com
Housing & Connectors
IP-50 rated non-conducting polyamide case
DB9 Connector - 9 Pin Male
High Retention USB Connector
Wall mounting screw recess
Power Supply
Power Supply Input
+5V through USB cable (supplied)
Power Consumption
50mA @ 5V
Environmental
Operating Temperature
-40°C to +80°C/-40°F to +176°F
Storage Temperature
-40°C to +80°C/-40°F to +176°F
Port Settings - RS232
Baud Rate
From 110 - 1 MegaBaud - Any custom Baud rate accepted
Data Bits
5,6,7 or 8
Parity
Odd, Even, None, Mark or Space
Stop Bits
1 or 2
Flow Control
RTS/CTS, DSR/DTR, XON/XOFF
Tx/Rx Modes
Point to Point
USB-C to 1 Port 422/485 Industrial USB to Serial Adaptor
US-720
High retention USB connector
for an unshakeable connection
-40°C to +80°C/-40°F to +176°F
temperature range
Wall mounting option
USB connection requires
a minimum withdrawal
requirement of 15N
IP-50 rated non-conducting
case
Orange color-coded
insulator to differentiate
from standard USB
connectors
Works across the full spectrum of baud rates up to
921,600 including standard and arbitrary values
Plug and play with signed drivers



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com