Electronic Components Datasheet Search
  English  ▼

X  

74VHC595PW Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # 74VHC595PW
Description  8-bit serial-in/serial-out or parallel-out shift register with output latches
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74VHC595PW Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  74VHC595PW Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74VHC595PW Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74VHC595PW Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74VHC595PW Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74VHC595PW Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74VHC595PW Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74VHC595PW Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74VHC595PW Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74VHC595PW Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Nexperia
74VHC595; 74VHCT595
8-bit serial-in/serial-out or parallel-out shift register with output latches
6.2. Pin description
Table 2. Pin description
Symbol
Pin
Description
Q0, Q1, Q2, Q3, Q4, Q5, Q6, Q7
15, 1, 2, 3, 4, 5, 6, 7
parallel data output
GND
8
ground (0 V)
Q7S
9
serial data output
MR
10
master reset (active LOW)
SHCP
11
shift register clock input
STCP
12
storage register clock input
OE
13
output enable input (active LOW)
DS
14
serial data input
VCC
16
supply voltage
7. Functional description
Table 3. Function table
H = HIGH voltage state; L = LOW voltage state; ↑ = LOW-to-HIGH transition; X = don’t care; NC = no change;
Z = high-impedance OFF-state.
Control
Input Output
SHCP STCP OE
MR
DS
Q7S
Qn
Function
X
X
L
L
X
L
NC
a LOW-level on MR only affects the shift registers
X
↑
L
L
X
L
L
empty shift register loaded into storage register
X
X
H
L
X
L
Z
shift register clear; parallel outputs in high-impedance OFF-state
↑
X
L
H
H
Q6S
NC
logic HIGH-level shifted into shift register stage 0. Contents of all
shift register stages shifted through, e.g. previous state of stage 6
(internal Q6S) appears on the serial output (Q7S).
X
↑
L
H
X
NC
QnS
contents of shift register stages (internal QnS) are transferred to
the storage register and parallel output stages
↑
↑
L
H
X
Q6S
QnS
contents of shift register shifted through; previous contents of the
shift register is transferred to the storage register and the parallel
output stages
74VHC_VHCT595
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2020. All rights reserved
Product data sheet
Rev. 3 — 25 June 2020
4 / 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com