Electronic Components Datasheet Search
  English  ▼

X  

SC1404ITSTR Datasheet(PDF) 19 Page - Semtech Corporation

Part # SC1404ITSTR
Description  Mobile Multi-Output PWM Controller with Virtual Current Sense
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1404ITSTR Datasheet(HTML) 19 Page - Semtech Corporation

Back Button SC1404ITSTR Datasheet HTML 15Page - Semtech Corporation SC1404ITSTR Datasheet HTML 16Page - Semtech Corporation SC1404ITSTR Datasheet HTML 17Page - Semtech Corporation SC1404ITSTR Datasheet HTML 18Page - Semtech Corporation SC1404ITSTR Datasheet HTML 19Page - Semtech Corporation SC1404ITSTR Datasheet HTML 20Page - Semtech Corporation SC1404ITSTR Datasheet HTML 21Page - Semtech Corporation SC1404ITSTR Datasheet HTML 22Page - Semtech Corporation SC1404ITSTR Datasheet HTML 23Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
19
 2003 Semtech Corp.
www.semtech.com
SC1404
POWER MANAGEMENT
Overvoltage Test
Measuring the overvoltage trip point can be problematic. Any
buck converter with synchronous MOSFETS can act as a boost
converter, sending energy from output to input. In some cases the
energy sent to the input is enough to drive the input voltage be-
yond normal levels, causing input overvoltage. To prevent this,
enable the SC1404 PSAVE# feature, which effectively disables
the low side MOSFET drive so that little energy, if any, is transferred
back to the input.
Semtech recommends the following circuit for measuring the ov-
ervoltage trip point. D1 prevents the output voltage from damag-
ing lab supply 1. R1 limits the amount of energy that can be cycled
from the output to the input. R2 absorbs the energy that might
flow from output to input, and D2 protects lab supply from pos-
sible damage. The ON5 signal is monitored to indicate when
overvoltage occurs.
Initial conditions:
Both lab supplies set to zero volts
No load connected to 3V or 5V
PSAVE# enabled (PSAVE# tied to GND)
ON5 enabled
ON3 enabled
DVMs monitoring ON5 and the output under test.
Oscilloscope probe connected to Phase Node
of the output under test (not strictly required).
Set Lab Supply 2 to provide 10V at the SC1404 input. The phase
node of the output being tested should show some switching ac-
tivity. The ON5 pin should be above 4V.
Slowly increase Lab Supply 1 until the output under test rises
slightly above it’s normal DC level. As Lab Supply 1 increases,
switching activity at the phase node will cease. The ON5 pin should
remain above 4V.
Increase Lab Supply 1 in very small increments, monitoring both
ON5 and the output under test. The overvoltage trip point is the
highest voltage seen at the output before ON5 pulls low (approxi-
mately 0.3V). Do not record the voltage seen at the output after
ON5 has pulled low; when ON5 pulls low, the current flowing in D1
changes, corrupting the voltage seen at the output.
1K
D1
e.g. 1N4004
R2
75
to DVM
D1
e.g. 1N4004
Vin
Supply
R1
470
2
SC1404
Evaluation
Board
Lab
Output
test
under
1
Supply
Lab
to DVM
1/2W
ON5
VL
1/2W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com