Electronic Components Datasheet Search
  English  ▼

X  

70049 Datasheet(PDF) 1 Page - Belden Inc.

Part # 70049
Description  1 PAIR AES/EBU, 24AWG, ISTP, LSZH
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

70049 Datasheet(HTML) 1 Page - Belden Inc.

  70049 Datasheet HTML 1Page - Belden Inc. 70049 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 70049
1 PAIR AES/EBU, 24AWG, ISTP, LSZH
Product Description
DIGITAL AUDIO 1 PAIR AES/EBU, 24AWG/0.22mm², ISTP, LSZH
Technical Specifications
Product Overview
Suitable Applications:
1-pair 24AWG halogen-free single pair cable; For digital audio
Physical Characteristics (Overall)
Conductor
AWG Stranding
Material
Construction n x D
24
7x32
BC-OFHC - Oxygen-Free Bare Copper (High Conductivity) 7x0.20 mm
Conductor Count:
2
Total Number of Pairs:
1
Insulation
Type
Material
Nominal Diameter Diameter +/- Tolerance
Insulation PE - Polyethylene (Foam) 1.70 mm
0.05 mm
Color Chart
Number
Color
Pair 1
Red & Black
Outer Shield
Type
Material
Coverage [%] Drainwire Material
Drainwire AWG Drainwire Construction n x D Drainwire Position
Tape Bi-Laminate (Alum+Poly) 100%
TC - Tinned Copper 24
7x0.20 mm
Under shielding foil
Outer Jacket
Material
Nominal Diameter Diameter +/- Tolerance
LSZH - Low Smoke Zero Halogen (Flame Retardant) 5.00 mm
0.10 mm
Construction and Dimensions
Cabling
Description
1 pair
Electrical Characteristics
Conductor DCR
Nominal Conductor DCR
86.0 Ohm/km
Capacitance
Nom. Capacitance Conductor to Conductor
36 pF/m


Similar Part No. - 70049

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
70049CH BELDEN-70049CH Datasheet
210Kb / 2P
1 PAIR AES/EBU, 24AWG, ISTP, LSZH-C
12-19-2022
70049CH.001000 BELDEN-70049CH.001000 Datasheet
210Kb / 2P
1 PAIR AES/EBU, 24AWG, ISTP, LSZH-C
12-19-2022
70049CH.00500 BELDEN-70049CH.00500 Datasheet
210Kb / 2P
1 PAIR AES/EBU, 24AWG, ISTP, LSZH-C
12-19-2022
70049CH.02100 BELDEN-70049CH.02100 Datasheet
210Kb / 2P
1 PAIR AES/EBU, 24AWG, ISTP, LSZH-C
12-19-2022
70049CH.021000 BELDEN-70049CH.021000 Datasheet
210Kb / 2P
1 PAIR AES/EBU, 24AWG, ISTP, LSZH-C
12-19-2022
More results

Similar Description - 70049

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
70058 BELDEN-70058 Datasheet
194Kb / 2P
4 PAIR AES/EBU, 24AWG, ISTP, LSZH
12-19-2022
70049CH BELDEN-70049CH Datasheet
210Kb / 2P
1 PAIR AES/EBU, 24AWG, ISTP, LSZH-C
12-19-2022
70049LV BELDEN-70049LV Datasheet
212Kb / 2P
1 PAIR AES/EBU, 24AWG, ISTP, LSZH-C
11-09-2022
70049LW BELDEN-70049LW Datasheet
210Kb / 2P
1 PAIR AES/EBU, 24AWG, ISTP, LSZH
11-09-2022
70057 BELDEN-70057 Datasheet
194Kb / 2P
2 PAIR AES/EBU, 24AWG, ISTP, LSZH
12-19-2022
70057LW BELDEN-70057LW Datasheet
195Kb / 2P
2 PAIR AES/EBU, 24AWG, ISTP, LSZH
08-31-2022
70059 BELDEN-70059 Datasheet
196Kb / 2P
8 PAIR AES/EBU, 24AWG, ISTP, LSZH
12-19-2022
70060 BELDEN-70060 Datasheet
195Kb / 2P
12 PAIR AES/EBU, 24AWG, ISTP, LSZH
12-19-2022
70061 BELDEN-70061 Datasheet
194Kb / 2P
16 PAIR AES/EBU, 24AWG, ISTP, LSZH
12-19-2022
70075 BELDEN-70075 Datasheet
228Kb / 2P
1 PAIR AES/EBU, 24AWG, ISTP, FRNC/LSZH
12-19-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com