Electronic Components Datasheet Search
  English  ▼

X  

BT258B Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BT258B
Description  Thyristors logic level
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BT258B Datasheet(HTML) 1 Page - NXP Semiconductors

  BT258B Datasheet HTML 1Page - NXP Semiconductors BT258B Datasheet HTML 2Page - NXP Semiconductors BT258B Datasheet HTML 3Page - NXP Semiconductors BT258B Datasheet HTML 4Page - NXP Semiconductors BT258B Datasheet HTML 5Page - NXP Semiconductors BT258B Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Philips Semiconductors
Product specification
Thyristors
BT258B series
logic level
GENERAL DESCRIPTION
QUICK REFERENCE DATA
Glass passivated,
sensitive
gate
SYMBOL
PARAMETER
MAX.
MAX.
MAX. UNIT
thyristors
in
a
plastic
envelope
suitable
for
surface
mounting,
BT258B-
500R
600R
800R
intended for use in general purpose
V
DRM,
Repetitive peak off-state
500
600
800
V
switching
and
phase
control
V
RRM
voltages
applications.
These
devices
are
I
T(AV)
Average on-state current
5
5
5
A
intended to be interfaced directly to
I
T(RMS)
RMS on-state current
8
8
8
A
microcontrollers,
logic
integrated
I
TSM
Non-repetitive peak on-state
75
75
75
A
circuits and other low power gate
current
trigger circuits.
PINNING - SOT404
PIN CONFIGURATION
SYMBOL
PIN
DESCRIPTION
1
cathode
2
anode
3
gate
mb
anode
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
-500R -600R -800R
V
DRM, VRRM
Repetitive peak off-state
-
500
1
600
1
800
V
voltages
I
T(AV)
Average on-state current
half sine wave; T
mb ≤ 111 ˚C
-
5
A
I
T(RMS)
RMS on-state current
all conduction angles
-
8
A
I
TSM
Non-repetitive peak
half sine wave; T
j = 25 ˚C prior to
on-state current
surge
t = 10 ms
-
75
A
t = 8.3 ms
-
82
A
I
2tI2t for fusing
t = 10 ms
-
28
A
2s
dI
T/dt
Repetitive rate of rise of
I
TM = 10 A; IG = 50 mA;
-
50
A/
µs
on-state current after
dI
G/dt = 50 mA/µs
triggering
I
GM
Peak gate current
-
2
A
V
GM
Peak gate voltage
-
5
V
V
RGM
Peak reverse gate voltage
-
5
V
P
GM
Peak gate power
-
5
W
P
G(AV)
Average gate power
over any 20 ms period
-
0.5
W
T
stg
Storage temperature
-40
150
˚C
T
j
Operating junction
-
125
2
˚C
temperature
13
mb
2
ak
g
1 Although not recommended, off-state voltages up to 800V may be applied without damage, but the thyristor may
switch to the on-state. The rate of rise of current should not exceed 15 A/
µs.
2 Note: Operation above 110˚C may require the use of a gate to cathode resistor of 1k
Ω or less.
September 1997
1
Rev 1.100


Similar Part No. - BT258B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT258 PHILIPS-BT258 Datasheet
44Kb / 6P
Thyristors logic level
October 1997 Rev 1.200
logo
HAOPIN MICROELECTRONICS...
BT258 HAOPIN-BT258 Datasheet
312Kb / 5P
Blocking voltage to 800 V
logo
NXP Semiconductors
BT258-500R PHILIPS-BT258-500R Datasheet
44Kb / 6P
Thyristors logic level
October 1997 Rev 1.200
logo
WeEn Semiconductors
BT258-500R WEEN-BT258-500R Datasheet
204Kb / 12P
Logic level thyristor
logo
NXP Semiconductors
BT258-600R PHILIPS-BT258-600R Datasheet
44Kb / 6P
Thyristors logic level
October 1997 Rev 1.200
More results

Similar Description - BT258B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT148 PHILIPS-BT148 Datasheet
43Kb / 6P
Thyristors logic level
October 1997 Rev 1.300
BT148W PHILIPS-BT148W Datasheet
53Kb / 7P
Thyristors logic level
October 1997 Rev 1.300
BT149 PHILIPS-BT149 Datasheet
42Kb / 6P
Thyristors logic level
September 1997 Rev 1.200
BT150S PHILIPS-BT150S Datasheet
49Kb / 6P
Thyristors logic level
October 1997 Rev 1.100
BT258 PHILIPS-BT258 Datasheet
44Kb / 6P
Thyristors logic level
October 1997 Rev 1.200
BT258U PHILIPS-BT258U Datasheet
51Kb / 6P
Thyristors logic level
March 1999 Rev 1.000
BT258S-800R PHILIPS-BT258S-800R Datasheet
49Kb / 6P
Thyristors logic level
October 2002-Rev 2.000
logo
Tiger Electronic Co.,Lt...
BT169D TGS-BT169D Datasheet
152Kb / 1P
Thyristors logic level
C106M TGS-C106M Datasheet
57Kb / 1P
Thyristors logic level
logo
Guangdong Kexin Industr...
BT169DW KEXIN-BT169DW Datasheet
79Kb / 2P
Thyristors logic level
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com