Electronic Components Datasheet Search
  English  ▼

X  

PJ31002CS Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # PJ31002CS
Description  Tone Ringer For Telephone Set
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PJ31002CS Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  PJ31002CS Datasheet HTML 1Page - List of Unclassifed Manufacturers PJ31002CS Datasheet HTML 2Page - List of Unclassifed Manufacturers PJ31002CS Datasheet HTML 3Page - List of Unclassifed Manufacturers PJ31002CS Datasheet HTML 4Page - List of Unclassifed Manufacturers PJ31002CS Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PJ31002
Tone Ringer For Telephone Set
4-5
2002/01.rev.A
FIG. 4
Test Circuit (1)
• SWITCH POSITION IS THE FOLLOWING TABLE :
PARAMETER
SW1
SW2
Vsi , Isi
1
1
Vsus , Isus
1
1
Voh
2
2
Vol
2
3
FIG. 4 Te st C ircuit (2)
•
SWITCH POSITION IS THE FOLLOWING TABLE :
PARAMETER
SW1
SW2
FL
1
1
fH1
1
1
fH2
2
2
1
2
3
4
8
7
6
5
Rs
R1
C1
Tone Ringer IC
R2
C2
A
V
V
V
V
V
V
V
V
V
A
A
A
A
A
A
A
A
V
V
V
V
V
V
V
V
V
Isi Isus
Vsi
Vsus
Vcc
SW2
SW1
55V
10mA
Voh
Vol
To Oscilloscope
1
2
3
2
1
R1 = 165 K (+/-)
1%
R2 = 191 K (+/-)
1%
C1 = 0.47
µF (+/-)
5%
C2 = 0.0068
µF (+/-) 5%
1
2
3
4
8
7
6
5
Rs
R1
C1
To ne Rin ger IC
R2
C2
A
V
V
V
V
V
V
V
V
V
A
A
A
A
A
A
A
A
Isi.Isus
Vsi.
Vs us
Vcc
SW2
5.5V
2
1
2
1
SW 1
3
f1 .fH1. fH2
To Os cillos co pe
R1 = 165 K (+/-) 1%
R2 = 191 K (+/-) 1%
C1 = 0.47
µF (+/-) 5%
C2 = 0.0068
µF (+/-) 5%



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com