Electronic Components Datasheet Search
  English  ▼

X  

EPZ3060LP-182 Datasheet(PDF) 21 Page - PCA ELECTRONICS INC.

Part # EPZ3060LP-182
Description  AC Power Line Chokes
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPZ3060LP-182 Datasheet(HTML) 21 Page - PCA ELECTRONICS INC.

Back Button EPZ3060LP-182 Datasheet HTML 17Page - PCA ELECTRONICS INC. EPZ3060LP-182 Datasheet HTML 18Page - PCA ELECTRONICS INC. EPZ3060LP-182 Datasheet HTML 19Page - PCA ELECTRONICS INC. EPZ3060LP-182 Datasheet HTML 20Page - PCA ELECTRONICS INC. EPZ3060LP-182 Datasheet HTML 21Page - PCA ELECTRONICS INC. EPZ3060LP-182 Datasheet HTML 22Page - PCA ELECTRONICS INC. EPZ3060LP-182 Datasheet HTML 23Page - PCA ELECTRONICS INC. EPZ3060LP-182 Datasheet HTML 24Page - PCA ELECTRONICS INC. EPZ3060LP-182 Datasheet HTML 25Page - PCA ELECTRONICS INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 64 page
background image
E L E C T R O N I C S I N C .
AC Power Line Choke
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Used as AC Power Line Filters in CTV, VTR, Audios, PC’s,
Facsimilies and Power Supply Applications
• UL940-V Recognized Materials
• Temperature Rise : 45°C Max.
• UL1446 Insulating System
• 2000 Vrms Isolation
EPZ3053N-XXX
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Electrical Parameters @ 25° C
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSZ3053N-XXX
Rev. -
11/7/02
1.4
2.4
4.2
6.0
9.5
15
20
35
50
80
Inductance
(mH Min.)
[Pins 1-2, 4-3]
3.2
2.5
2.0
1.6
1.2
1.0
0.8
0.6
0.5
0.4
Current Rating
(A rms Max.)
EPZ3053N-142
EPZ3053N-242
EPZ3053N-422
EPZ3053N-602
EPZ3053N-952
EPZ3053N-153
EPZ3053N-203
EPZ3053N-353
EPZ3053N-503
EPZ3053N-803
Part
Number
Circuit Sample
AC Line
Schematic
1
4
2
3
1:1
Package
.394 ± .002
(10.00 ± .050)
.650 ± .002
(16.50 ± .050)
.047 Ø ± .004
(1.20 Ø ± .100)
1
2
4
3
Recommended PWB
Piercing Plan
.394 ± .020
(10.00 ± .500)
.157 ± .039
(4.00 ± 1.00)
.650 ± .020
(16.50 ± .500)
Marking :
PCA
EPZ3053N-XXX
D.C.
.031 Ø ± .004
(.800 Ø ± .10)
1.083 ± .039
(27.50 ± 1.00)
.709 ± .039
(18.00 ± 1.00)
1.043 ± .039
(26.50 ± 1.00)
Impedance Characteristics
10
1
KHz
10
KHz
100
KHz
0.1
1
100
1000
1
MHz
Frequency (Hz)
10
MHz
100
mH
33
mH
1.8
mH
8.2
mH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com