Electronic Components Datasheet Search
  English  ▼

X  

TLMS1100 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TLMS1100
Description  Ultrabright 0603 LED
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLMS1100 Datasheet(HTML) 2 Page - Vishay Siliconix

  TLMS1100 Datasheet HTML 1Page - Vishay Siliconix TLMS1100 Datasheet HTML 2Page - Vishay Siliconix TLMS1100 Datasheet HTML 3Page - Vishay Siliconix TLMS1100 Datasheet HTML 4Page - Vishay Siliconix TLMS1100 Datasheet HTML 5Page - Vishay Siliconix TLMS1100 Datasheet HTML 6Page - Vishay Siliconix TLMS1100 Datasheet HTML 7Page - Vishay Siliconix TLMS1100 Datasheet HTML 8Page - Vishay Siliconix TLMS1100 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
www.vishay.com
2
Document Number 83173
Rev. 1.8, 30-Aug-04
VISHAY
TLMB / G / O / P / S / Y1100
Vishay Semiconductors
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
TLMS1100 ,TLMO1100 ,TLMY1100 ,TLMG1100, TLMP1100
TLMB1100
Optical and Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Red
TLMS1100
2) in one Packing Unit I
Vmax/IVmin ≤ 1.6
Parameter
Test condition
Symbol
Value
Unit
Reverse voltage
VR
12
V
DC Forward current
Tamb ≤ 60 °C
IF
30
mA
Surge forward current
tp ≤ 10 µsIFSM
0.5
A
Power dissipation
Tamb ≤ 75 °C
PV
90
mW
Junction temperature
Tj
120
°C
Operating temperature range
Tamb
- 40 to + 100
°C
Storage temperature range
Tstg
- 40 to + 100
°C
Soldering temperature
acc. Vishay spec
Tsd
260
°C
Thermal resistance junction/
ambient
mounted on PC board
(pad size > 5 mm2)
RthJA
480
K/W
Parameter
Test condition
Symbol
Value
Unit
Reverse voltage
VR
5V
DC Forward current
Tamb ≤ 60 °C
IF
15
mA
Surge forward current
tp ≤ 10 µsIFSM
0.1
A
Power dissipation
Tamb ≤ 60 °C
PV
68
mW
Junction temperature
Tj
100
°C
Operating temperature range
Tamb
- 40 to + 100
°C
Storage temperature range
Tstg
- 40 to + 100
°C
Soldering temperature
acc. Vishay spec
Tsd
260
°C
Thermal resistance junction/
ambient
mounted on PC board
(pad size > 5 mm2)
RthJA
480
K/W
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Luminous intensity 2)
IF = 20 mA
IV
32
63
mcd
Dominant wavelength
IF = 20 mA
λ
d
627
633
639
nm
Peak wavelength
IF = 20 mA
λ
p
645
nm
Angle of half intensity
IF = 20 mA
ϕ
± 80
deg
Forward voltage
IF = 20 mA
VF
2.1
3.0
V
Reverse voltage
IR = 10 µAVR
6V
Junction capacitance
VR = 0, f = 1 MHz
Cj
15
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com