Electronic Components Datasheet Search
  English  ▼

X  

TDA7297SA Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA7297SA
Description  10W10W DUAL BRIDGE AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7297SA Datasheet(HTML) 2 Page - STMicroelectronics

  TDA7297SA Datasheet HTML 1Page - STMicroelectronics TDA7297SA Datasheet HTML 2Page - STMicroelectronics TDA7297SA Datasheet HTML 3Page - STMicroelectronics TDA7297SA Datasheet HTML 4Page - STMicroelectronics TDA7297SA Datasheet HTML 5Page - STMicroelectronics TDA7297SA Datasheet HTML 6Page - STMicroelectronics TDA7297SA Datasheet HTML 7Page - STMicroelectronics TDA7297SA Datasheet HTML 8Page - STMicroelectronics TDA7297SA Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
TDA7297SA
2/11
ABSOLUTE MAXIMUM RATINGS
THERMAL DATA
PIN CONNECTION (Top view)
Symbol
Parameter
Value
Unit
Vs
Supply Voltage
20
V
IO
Output Peak Current (internally limited)
2
A
Ptot
Total power dissipation (Tcase = 70°C)
30
W
Top
Operating Temperature
0 to 70
°C
Tstg, Tj
Storage and Junction Temperature
-40 to 150
°C
Symbol
Parameter
Value
Unit
Rth j-case
Thermal Resistance Junction-case
Typ. = 1.8; Max. = 2.5
°C/W
Rth j-amb
Thermal Resistance Junction to ambient
48
°C/W
ELECTRICAL CHARACTERISTCS
(VCC = 13V, RL = 8Ω, f = 1KHz, Tamb = 25°C unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VCC
Supply Range
6.5
18
V
Iq
Total Quiescent Current
RL = ∞
50
65
mA
VOS
Output Offset Voltage
120
mV
PO
Output Power
THD 10%
8.3
10
W
THD
Total Harmonic Distortion
PO = 1W
0.1
0.3
%
PO = 0.1W to 2W
f = 100Hz to 15KHz
1%
SVR
Supply Voltage Rejection
f = 100Hz, VR =0.5V
40
56
dB
CT
Crosstalk
46
60
dB
AMUTE
Mute Attenuation
60
80
dB
Tw
Thermal Threshold
150
°C
GV
Closed Loop Voltage Gain
31
32
33
dB
∆GV
Voltage Gain Matching
0.5
dB
1
2
3
4
5
6
7
9
10
11
8
N.C.
N.C.
S-GND
PW-GND
OUT2+
OUT2-
VCC
IN2
ST-BY
MUTE
N.C.
IN1
VCC
OUT1-
OUT1+
D03AU1463
13
14
15
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com