Electronic Components Datasheet Search
  English  ▼

X  

TLK1201ARCPR Datasheet(PDF) 9 Page - Texas Instruments

Part # TLK1201ARCPR
Description  ETHERNET TRANSCEIVERS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK1201ARCPR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLK1201ARCPR Datasheet HTML 5Page - Texas Instruments TLK1201ARCPR Datasheet HTML 6Page - Texas Instruments TLK1201ARCPR Datasheet HTML 7Page - Texas Instruments TLK1201ARCPR Datasheet HTML 8Page - Texas Instruments TLK1201ARCPR Datasheet HTML 9Page - Texas Instruments TLK1201ARCPR Datasheet HTML 10Page - Texas Instruments TLK1201ARCPR Datasheet HTML 11Page - Texas Instruments TLK1201ARCPR Datasheet HTML 12Page - Texas Instruments TLK1201ARCPR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
www.ti.com
Testability
Loopback Testing
Enable Function
PRBS Function
ABSOLUTE MAXIMUM RATINGS
(1)
TLK1201ARCP, TLK1201AIRCP
ETHERNET TRANSCEIVERS
SLLS580A – FEBRUARY 2004 – REVISED JUNE 2004
The loopback function provides for at-speed testing of the transmit/receive portions of the circuitry. The enable
function allows for all circuitry to be disabled so that an Iddq test can be performed. The PRBS function also
allows for a BIST (built-in self test). The terminal setting, TESTEN high, enables the test mode. The terminal
TESTEN has an internal pulldown resistor, so it defaults to normal operation. The TESTEN is only used for
factory testing, and is not intended for end-user control.
The transceiver can provide a self-test function by enabling (setting LOOPEN to high level) the internal loopback
path. Enabling this function causes serial transmitted data to be routed internally to the receiver. The parallel
data output can be compared to the parallel input data for functional verification. The external differential output
is held in a high-impedance state during the loopback testing.
When held low, ENABLE disables all quiescent power in both the analog and digital circuitry. This allows an
ultralow-power idle state when the link is not active.
This device has a built-in 2
7–1 PRBS function. When the PRBSEN control bit is set high, the PRBS test is
enabled. A PRBS is generated and fed into the 10-bit parallel transmitter input bus. Data from the normal parallel
input source is ignored during PRBS test mode. The PRBS pattern is then fed through the transmit circuitry as if
it were normal data and sent out to the transmitter. The output can be sent to a bit error rate tester (BERT) or to
the receiver of another TLK1201AI. Since the PRBS is not really random and is really a predetermined sequence
of 1s and 0s, the data can be captured and checked for errors by a BERT. This device also has a built-in BERT
function on the receiver side that is enabled by PRBSEN. It can receive a PRBS pattern and check for errors,
and then reports the errors by forcing the SYNC/PASS terminal low. The PRBS testing supports two modes
(normal and latched), which are controlled by the SYNCEN input. When SYNCEN is low, the result of the PRBS
bit error rate test is passed to the SYNC/PASS terminal. When SYNCEN is high the result of the PRBS
verification is latched on the SYNC/PASS output (that is, a single failure forces SYNC/PASS to remain low).
over operating free-air temperature range (unless otherwise noted)
TLK1201A/TLK1201AI
Supply voltage, VDD (see (2))
–0.3 V to 3 V
Input voltage range at TTL terminals, VI
–0.5 V to 4 V
Input voltage range at any other terminal
–0.3 V to VDD +0.3 V
Storage temperature, Tstg
–65
°C to 150°C
Electrostatic discharge
CDM: 1 kV, HBM:2 kV
TLK1201A
0
°C to 70°C
Characterized free-air operating temperature range
TLK1201AI
–40
°C to 85°C
(1)
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating
conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential I/O bus voltages, are with respect to network ground terminal.
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com