Electronic Components Datasheet Search
  English  ▼

X  

BCP52 Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # BCP52
Description  SOT-223 Plastic-Encapsulate Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

BCP52 Datasheet(HTML) 1 Page - Nanjing International Group Co

  BCP52 Datasheet HTML 1Page - Nanjing International Group Co BCP52 Datasheet HTML 2Page - Nanjing International Group Co BCP52 Datasheet HTML 3Page - Nanjing International Group Co BCP52 Datasheet HTML 4Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BCP51,52,53
TRANSISTOR (PNP)
FEATURES
For AF driver and output stages
High collector current
Low collector-emitter saturation voltage
Complementary types: BCP54...BCP56 (NPN)
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
Symbol
Parameter
BCP51
BCP52
BCP53
Unit
VCBO
Collector-Base Voltage
-45
-60
-100
V
VCEO
Collector-Emitter Voltage
-45
-60
-80
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current -Continuous
-1
A
PC
Collector Power Dissipation
1.5
W
RθJA
Thermal Resistance Junction to Ambient
94
℃/W
TJ,Tstg
-55~+150
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Max
Unit
Collector-base breakdown voltage
BCP51
BCP52
BCP53
V(BR)CBO
IC=- 0.1mA,IE=0
-45
-60
-100
V
Collector-emitter breakdown voltage
BCP51
BCP52
BCP53
V(BR)CEO
IC= -10mA,IB=0
-45
-60
-80
V
Base-emitter breakdown voltage
V(BR)EBO
IE= -10μA,IC=0
-5
V
Collector cut-off current
ICBO
VCB= -30 V, IE=0
-100
nA
hFE(1)
VCE=-2V, IC=-5mA
25
hFE(2)
VCE= -2V, IC=-150m A
63
250
DC current gain
hFE(3)
VCE= -2V, IC=-500m A
25
Collector-emitter saturation voltage
VCE(sat)
IC=-500mA,IB=-50mA
-0.5
V
Base-emitter voltage
VBE
VCE=-2V, IC=-500m A
-1
V
Transition frequency
fT
VCE=-10V,IC=-50mA,f=100MHz
100
MHz
CLASSIFICATION OF hFE(2)
Rank
BCP51-10, BCP52-10, BCP53-10
BCP51-16, BCP52-16, BCP53-16
Range
63-160
100-250
SOT-223
1. BASE
2. COLLECTOR
3. EMITTER
Operation Junction and Storage Temperature Range
℃
Peak Pulse Collector Current
Base Current-Continuous
Peak Pulse Base Current
-2
-100
-200
A
mA
mA
ICM
IB
IBM
SOT-223 Plastic-Encapsulate Transistors
DONGGUAN NANJING ELECTRONICS LTD.,
Dongguan Nanjing Electronics Ltd.
1/4
www.dgnjdz.com


Similar Part No. - BCP52

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCP52 PHILIPS-BCP52 Datasheet
44Kb / 8P
PNP medium power transistors
1999 Apr 08
logo
STMicroelectronics
BCP52 STMICROELECTRONICS-BCP52 Datasheet
71Kb / 4P
MEDIUM POWER AMPLIFIER
Oct-1997
logo
Siemens Semiconductor G...
BCP52 SIEMENS-BCP52 Datasheet
140Kb / 5P
PNP Silicon AF Transistors (For AF driver and output stages High collector current)
logo
Fairchild Semiconductor
BCP52 FAIRCHILD-BCP52 Datasheet
46Kb / 4P
PNP General Purpose Amplifier
logo
Infineon Technologies A...
BCP52 INFINEON-BCP52 Datasheet
48Kb / 5P
PNP Silicon AF Transistors
Nov-29-2001
More results

Similar Description - BCP52

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
BCP69 JIANGSU-BCP69 Datasheet
1,017Kb / 3P
SOT-223 Plastic-Encapsulate Transistors
PZT2907A JIANGSU-PZT2907A Datasheet
1Mb / 4P
SOT-223 Plastic-Encapsulate Transistors
PZTA94 JIANGSU-PZTA94 Datasheet
1Mb / 4P
SOT-223 Plastic-Encapsulate Transistors
logo
Nanjing International G...
BCP56 DGNJDZ-BCP56 Datasheet
1Mb / 4P
SOT-223 Plastic-Encapsulate Transistors
BCP54 DGNJDZ-BCP54 Datasheet
1Mb / 4P
SOT-223 Plastic-Encapsulate Transistors
BCP68 DGNJDZ-BCP68 Datasheet
1Mb / 3P
SOT-223 Plastic-Encapsulate Transistors
CZT5551 DGNJDZ-CZT5551 Datasheet
1Mb / 4P
SOT-223 Plastic-Encapsulate Transistors
PZT3906 DGNJDZ-PZT3906 Datasheet
1Mb / 4P
SOT-223 Plastic-Encapsulate Transistors
PZT4403 DGNJDZ-PZT4403 Datasheet
1Mb / 4P
SOT-223 Plastic-Encapsulate Transistors
PZTA56 DGNJDZ-PZTA56 Datasheet
1Mb / 4P
SOT-223 Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com