Electronic Components Datasheet Search
  English  ▼

X  

BCP69 Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # BCP69
Description  SOT-223 Plastic-Encapsulate Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

BCP69 Datasheet(HTML) 1 Page - Nanjing International Group Co

  BCP69 Datasheet HTML 1Page - Nanjing International Group Co BCP69 Datasheet HTML 2Page - Nanjing International Group Co BCP69 Datasheet HTML 3Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BCP69
TRANSISTOR (PNP)
FEATURES
High Current and Low Voltage
NPN Complement:BCP68
APPLICATIONS
General Purpose Switching and Amplification
Power Applications Such as Audio Output Stages
MAXIMUM RATINGS (Ta=25℃ unless otherwise noted)
ELECTRICAL CHARACTERISTICS (Ta=25℃ unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=-0.1mA,IE=0
-32
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=-1mA,IB=0
-20
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-0.1mA,IC=0
-5
V
Collector cut-off current
ICBO
VCB=-25V,IE=0
-100
nA
Emitter cut-off current
IEBO
VEB=-5V,IC=0
-100
nA
hFE(1)
VCE=-1V, IC=-0.5A
85
375
hFE(2)
VCE=-1V, IC=-1A
60
hFE(3)
VCE=-10V, IC=-5mA
50
DC current gain
hFE(4)
VCE=-1.8V, IC=-10mA
140
230
Collector-emitter saturation voltage
VCE(sat)
IC=-1A,IB=-100mA
-0.5
V
VBE(1)
VCE=-10V, IC=-5mA
-0.68
V
Base-emitter voltage
VBE(2)
VCE=-1V, IC=-1A
-1
V
Transition frequency
fT
VCE=-5V,IC=-10mA, f=100MHz
40
MHz
Collector output capacitance
Cob
VCB=-5V, IE=0, f=1MHz
48
pF
CLASSIFICATION OF hFE(1)
RANK
BCP69-16
BCP69-25
RANGE
100–250
160–375
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
-32
V
VCEO
Collector-Emitter Voltage
-20
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current
-1
A
PC
Collector Power Dissipation
1
W
RθJA
Thermal Resistance From Junction To Ambient
125
℃/W
Operation Junction and
Storage Temperature Range
Tj,Tstg
-55~+150
℃
SOT-223
1. BASE
2. COLLECTOR
3. EMITTER
SOT-223 Plastic-Encapsulate Transistors
DONGGUAN NANJING ELECTRONICS LTD.,
1/3
Dongguan Nanjing Electronics Ltd.
www.dgnjdz.com


Similar Part No. - BCP69

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCP69 PHILIPS-BCP69 Datasheet
45Kb / 8P
PNP medium power transistor
1999 Apr 08
logo
Zetex Semiconductors
BCP69 ZETEX-BCP69 Datasheet
43Kb / 1P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Siemens Semiconductor G...
BCP69 SIEMENS-BCP69 Datasheet
136Kb / 4P
PNP Silicon AF Transistor (For general AF application High collector current High current gain)
logo
Infineon Technologies A...
BCP69 INFINEON-BCP69 Datasheet
43Kb / 4P
PNP Silicon AF Transistor
Nov-29-2001
logo
Weitron Technology
BCP69 WEITRON-BCP69 Datasheet
208Kb / 4P
PNP Silicon Epitaxial Transistor
More results

Similar Description - BCP69

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
BCP69 JIANGSU-BCP69 Datasheet
1,017Kb / 3P
SOT-223 Plastic-Encapsulate Transistors
PZT2907A JIANGSU-PZT2907A Datasheet
1Mb / 4P
SOT-223 Plastic-Encapsulate Transistors
PZTA94 JIANGSU-PZTA94 Datasheet
1Mb / 4P
SOT-223 Plastic-Encapsulate Transistors
logo
Nanjing International G...
BCP56 DGNJDZ-BCP56 Datasheet
1Mb / 4P
SOT-223 Plastic-Encapsulate Transistors
BCP54 DGNJDZ-BCP54 Datasheet
1Mb / 4P
SOT-223 Plastic-Encapsulate Transistors
BCP68 DGNJDZ-BCP68 Datasheet
1Mb / 3P
SOT-223 Plastic-Encapsulate Transistors
CZT5551 DGNJDZ-CZT5551 Datasheet
1Mb / 4P
SOT-223 Plastic-Encapsulate Transistors
PZT3906 DGNJDZ-PZT3906 Datasheet
1Mb / 4P
SOT-223 Plastic-Encapsulate Transistors
PZT4403 DGNJDZ-PZT4403 Datasheet
1Mb / 4P
SOT-223 Plastic-Encapsulate Transistors
PZTA56 DGNJDZ-PZTA56 Datasheet
1Mb / 4P
SOT-223 Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com