Electronic Components Datasheet Search
  English  ▼

X  

BST40 Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # BST40
Description  SOT-89-3L Plastic-Encapsulate Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

BST40 Datasheet(HTML) 1 Page - Nanjing International Group Co

  BST40 Datasheet HTML 1Page - Nanjing International Group Co BST40 Datasheet HTML 2Page - Nanjing International Group Co BST40 Datasheet HTML 3Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SOT-89-3L
1. BASE
2. COLLECTOR
3. EMITTER
BST39,BST40
TRANSISTOR (NPN)
FEATURES
Low Current
High Voltage
APPLICATIONS
General Purpose Switching and Amplification
MARKING
BCT40
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
BST39
400
Collector-base breakdown voltage
V(BR)CBO
IC=100µA,IE=0
BST40
300
V
BST39
350
Collector-emitter breakdown voltage
V(BR)CEO
IC=1mA,IB=0
BST40
250
V
Emitter-base breakdown voltage
V(BR)EBO
IE=100µA,IC=0
5
V
Collector cut-off current
ICBO
VCB=300V,IE=0
20
nA
Emitter cut-off current
IEBO
VEB=5V,IC=0
100
nA
DC current gain
hFE
VCE=10V, IC=20mA
40
Collector-emitter saturation voltage
VCE(sat)
IC=50mA,IB=4mA
0.5
V
Transition frequency
fT
VCE=10V,IC=10mA, f=100MHz
70
MHz
Collector output capacitance
Cob
VCB=10V, IE=0, f=1MHz
2
pF
Symbol
Parameter
Value
Unit
BST39
400
VCBO
Collector-Base Voltage
BST40
300
V
BST39
350
VCEO
Collector-Emitter Voltage
BST40
250
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current
100
mA
PC
Collector Power Dissipation
500
mW
RθJA
Thermal Resistance From Junction To Ambient
250
℃/W
Operation Junction and Storage Temperature Range
℃
TJ,Tstg
-55~+150
AT1
AT2
B
ST39
SOT-89-3L Plastic-Encapsulate Transistors
DONGGUAN NANJING ELECTRONICS LTD.,
1/3
Dongguan Nanjing Electronics Ltd.
www.dgnjdz.com


Similar Part No. - BST40

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BST40 PHILIPS-BST40 Datasheet
40Kb / 8P
NPN high-voltage transistors
1999 Apr 26
logo
Zetex Semiconductors
BST40 ZETEX-BST40 Datasheet
15Kb / 1P
SOT89 NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Guangdong Kexin Industr...
BST40 KEXIN-BST40 Datasheet
52Kb / 2P
NPN High-Voltage Transistors
logo
NXP Semiconductors
BST40 NXP-BST40 Datasheet
102Kb / 6P
NPN high-voltage transistors
2004 Dec 14
logo
Shenzhen Jin Yu Semicon...
BST40 HTSEMI-BST40 Datasheet
346Kb / 1P
TRANSISTOR (NPN)
More results

Similar Description - BST40

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
2SC4375 DGNJDZ-2SC4375 Datasheet
228Kb / 1P
SOT-89-3L Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SB1386 JIANGSU-2SB1386 Datasheet
1Mb / 4P
SOT-89-3L Plastic-Encapsulate Transistors
2SB1424 JIANGSU-2SB1424 Datasheet
1Mb / 4P
SOT-89-3L Plastic-Encapsulate Transistors
2SC2881 JIANGSU-2SC2881 Datasheet
1Mb / 4P
SOT-89-3L Plastic-Encapsulate Transistors
logo
Nanjing International G...
STC4350 DGNJDZ-STC4350 Datasheet
1Mb / 6P
SOT-89-3L Plastic-Encapsulate Transistors
NJ13001 DGNJDZ-NJ13001 Datasheet
1Mb / 4P
SOT-89-3L Plastic-Encapsulate Transistors
2SB1386 DGNJDZ-2SB1386_V01 Datasheet
1Mb / 4P
SOT-89-3L Plastic-Encapsulate Transistors
2SD965 DGNJDZ-2SD965_V01 Datasheet
1Mb / 4P
SOT-89-3L Plastic-Encapsulate Transistors
D882 DGNJDZ-D882_V01 Datasheet
541Kb / 2P
SOT-89-3L Plastic-Encapsulate Transistors
PXT2222A DGNJDZ-PXT2222A_V01 Datasheet
1Mb / 4P
SOT-89-3L Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com