Electronic Components Datasheet Search
  English  ▼

X  

BCC06YP Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BCC06YP
Description  Bulkhead Connectors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BCC06YP Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BCC06YP Datasheet HTML 1Page - Balluff Korea Ltd. BCC06YP Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bulkhead Connectors
BCC M454-M454-5D-RM002-000
Order Code: BCC06YP
Internet
www.balluff.com
eCl@ss 9.1: 27-44-03-12
Subject to change without notice: 179655
ETIM 6.0: EC002641
BCC06YP_0.66_2022-07-16
1 / 2
Basic features
Approval/Conformity
CE
EAC
WEEE
Display/Operation
Function indicator (Pin 2)
no/no
Function indicator (Pin 4)
no/no
Power indicator
no/no
Electrical connection
Connection 1
M12x1-Female, Straight, 4-pin, D-
coded
Connection 2
M12x1-Female, Straight, 4-pin, D-
coded
Connector 01, version
straight
Connector 02, version
straight
Number of pins
4/4
Electrical data
Operating voltage Ub
60 VDC / 60 VAC
Rated current (40 °C)
4.0 A
Environmental conditions
Ambient temperature
-25...80 °C
IP rating
IP67/IP67
Material
Material contact carrier
PA 6
Material contacts
Brass
Material cover nut
Brass
Material grip
Brass
Mechanical data
Mounting part
M16x1.5
Remarks
Enclosure rating per IEC 60529, only in screwed state with the associated mating piece.


Similar Part No. - BCC06YP

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BCC06Y0 BALLUFF-BCC06Y0 Datasheet
100Kb / 2P
Double-Ended Cordsets
2023-12-20
BCC06Y2 BALLUFF-BCC06Y2 Datasheet
107Kb / 2P
Single-Ended Cordsets
0.7_2022-04-14
BCC06Y4 BALLUFF-BCC06Y4 Datasheet
101Kb / 2P
Terminating Resistors
2022-07-15
BCC06Y5 BALLUFF-BCC06Y5 Datasheet
101Kb / 1P
Field-Attachable Connectors
2022-07-16
BCC06Y6 BALLUFF-BCC06Y6 Datasheet
101Kb / 1P
Field-Attachable Connectors
2022-07-16
More results

Similar Description - BCC06YP

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BCC0A7M BALLUFF-BCC0A7M Datasheet
124Kb / 2P
Bulkhead Connectors
0.57_2022-07-16
BCC0A7N BALLUFF-BCC0A7N Datasheet
125Kb / 2P
Bulkhead Connectors
0.63_2022-07-15
BCC0HH5 BALLUFF-BCC0HH5 Datasheet
114Kb / 2P
Bulkhead Connectors
0.97_2022-07-15
BCC0K3P BALLUFF-BCC0K3P Datasheet
110Kb / 2P
Bulkhead Connectors
0.46_2022-07-04
BCC0LJE BALLUFF-BCC0LJE Datasheet
115Kb / 2P
Bulkhead Connectors
0.34_2022-07-04
BCC0LJM BALLUFF-BCC0LJM Datasheet
115Kb / 2P
Bulkhead Connectors
2022-07-04
BCC0LJN BALLUFF-BCC0LJN Datasheet
114Kb / 2P
Bulkhead Connectors
2022-07-04
BCC0LJP BALLUFF-BCC0LJP Datasheet
136Kb / 2P
Bulkhead Connectors
2022-07-15
BCC0LJR BALLUFF-BCC0LJR Datasheet
136Kb / 2P
Bulkhead Connectors
2022-07-04
BCC0MA1 BALLUFF-BCC0MA1 Datasheet
136Kb / 2P
Bulkhead Connectors
2022-07-04
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com