Electronic Components Datasheet Search
  English  ▼

X  

HD404459 Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # HD404459
Description  4-bit HMCS400-series microcomputers
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404459 Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button HD404459 Datasheet HTML 45Page - Renesas Technology Corp HD404459 Datasheet HTML 46Page - Renesas Technology Corp HD404459 Datasheet HTML 47Page - Renesas Technology Corp HD404459 Datasheet HTML 48Page - Renesas Technology Corp HD404459 Datasheet HTML 49Page - Renesas Technology Corp HD404459 Datasheet HTML 50Page - Renesas Technology Corp HD404459 Datasheet HTML 51Page - Renesas Technology Corp HD404459 Datasheet HTML 52Page - Renesas Technology Corp HD404459 Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 122 page
background image
HD404459 Series
47
I/O Pin Type
Circuit
Pins
Peripheral
function
pins
Input pins
VCC
INT0, etc
HLT
MIS3
PDR
SI,
INT
0, INT1,
INT
2, INT3,
WU
0–WU7,
EVNB, EVND
Input data
STOPC
STOPC
Notes: 1. In stop mode, the MCU is reset and peripheral function selection is cancelled. The
HLT signal
becomes low, and input/output pins enter high-impedance state.
2. The
HLT signal is 1 in watch and subactive modes.
D Port (D
0–D11): Consist of 10 input/output pins and 2 input pins addressed by one bit. D 0–D9 are
input/output pins, and D
10 and D11 are input-only pins.
Pins D
0–D9 are set by the SED and SEDD instructions, and reset by the RED and REDD instructions.
Output data is stored in the port data register (PDR) for each pin. All pins D
0–D11 are tested by the TD and
TDD instructions.
The on/off statuses of the output buffers are controlled by D-port data control registers (DCD0–DCD2:
$02C–$02E) that are mapped to memory addresses (figure 30).
Pin D
11 is multiplexed with peripheral function pin STOPC. The peripheral function mode of this pin is
selected by bit 2 (PMRC2) of port mode register C (PMRC: $025) (figure 35).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com