Electronic Components Datasheet Search
  English  ▼

X  

74LVC06A Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # 74LVC06A
Description  Hex inverter with open-drain outputs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC06A Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  74LVC06A Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC06A Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC06A Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC06A Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC06A Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC06A Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC06A Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC06A Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC06A Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Nexperia
74LVC06A
Hex inverter with open-drain outputs
4. Functional diagram
mna525
1Y
2Y
3Y
4Y
5Y
6Y
1
3
5
9
11
13
1A
2A
3A
4A
5A
6A
2
4
6
8
10
12
Fig. 1. Logic symbol
mna526
1A
2A
3A
4A
5A
6A
1Y
2Y
3Y
4Y
5Y
6Y
2
1
1
4
3
6
5
8
9
10
11
12
13
1
1
1
1
1
Fig. 2. IEC logic symbol
mna527
GND
A
Y
Fig. 3. Logic diagram for one gate
5. Pinning information
5.1. Pinning
74LVC06A
1A
VCC
1Y
6A
2A
6Y
2Y
5A
3A
5Y
3Y
4A
GND
4Y
001aac916
1
2
3
4
5
6
7
8
10
9
12
11
14
13
Fig. 4. Pin configuration SOT108-1 (SO14)
and SOT402-1 (TSSOP14)
001aae245
74LVC06A
GND(1)
Transparent top view
3Y
4A
3A
5Y
2Y
5A
2A
6Y
1Y
6A
6
9
5
10
4
11
3
12
2
13
terminal 1
index area
(1) This is not a ground pin. There is no electrical or
mechanical requirement to solder the pad. In case
soldered, the solder land should remain floating or
connected to GND.
Fig. 5. Pin configuration SOT762-1 (DHVQFN14)
5.2. Pin description
Table 2. Pin description
Symbol
Pin
Description
1A, 2A, 3A, 4A, 5A, 6A
1, 3, 5, 9, 11, 13
data input
1Y, 2Y, 3Y, 4Y, 5Y, 6Y
2, 4, 6, 8, 10, 12
data output
GND
7
ground (0 V)
VCC
14
supply voltage
74LVC06A
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2020. All rights reserved
Product data sheet
Rev. 7 — 4 August 2020
2 / 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com