Electronic Components Datasheet Search
  English  ▼

X  

PS-HATSGL Datasheet(PDF) 1 Page - Greystone Energy Systems Inc.

Part # PS-HATSGL
Description  HIGH ACCURACY GLASS TEMPERATURE SENSOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.

PS-HATSGL Datasheet(HTML) 1 Page - Greystone Energy Systems Inc.

  PS-HATSGL Datasheet HTML 1Page - Greystone Energy Systems Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PRINTED IN CANADA
Copyright © Greystone Energy Systems Inc. All Rights Reserved
www.greystoneenergy.com
PS-HATSGLXXX-02
Greystone Energy Systems, Inc.
150 English Drive, Moncton,
New Brunswick, Canada E1E 4G7
Ph: +1 (506) 853-3057 Fax: +1 (506) 853-6014
North America: 1-800-561-5611
E-mail: mail@greystoneenergy.com
HIGH ACCURACY GLASS TEMPERATURE SENSOR
HATSGL SERIES
PRODUCT DESCRIPTION
The high accuracy single point glass temperature
sensor utilizes a precision sensor encapsulated in
a 31.75mm L x 9.525mm W x 9.525 mm H (1.25”
x .375” x .375”) Aluminum probe. Standard wire
length is 1.524m (5’). All probes are constructed to
provide excellent heat transfer, fast response and
are potted to resist moisture penetration.
TYPICAL INSTALLATION
For complete installation and wiring details,
please refer to the product installation
instructions.
Find a suitable location on an exterior window
where the probe can be mounted. On one side
apply epoxy compound and press firmly against
the glass. Hold in place until the epoxy has set.
PRODUCT
HATSGLX High Accuracy Glass Temperature Sensor
SENSOR
18X
48X
22X
39X
55X
40X
46X
1000 Ω Platinum, 3 wire, IEC 751, 385 Alpha, thin film, Class A
1000 Ω Platinum, 3 wire, IEC 751, 385 Alpha, thin film, 1/3 DIN
1000 Ω Platinum, 3 wire, IEC 751, 385 Alpha, thin film, 1/10 DIN
10,000 Ω Type 2, NTC Thermistor, ±0.05°C
10,000 Ω Type 2, NTC Thermistor, ±0.03°C
10,000 Ω Type 3, NTC Thermistor, ±0.1°C
20,000 Ω NTC Thermistor, ±0.1°C
ORDERING
HATSGLX
PART NUMBER
NOTE: Greystone Energy Systems, Inc. reserves the right to make design modifications without prior notice.
NOTE: The sensor accuracies listed in the specifications section apply
to the sensing element only prior to product assembly and may not be
reflected in the complete assembly.
Due to the measurement uncertainty, it is possible, that the true
resistance value of the single delivered sensor at 0°C can be out of the
defined tolerance class. Profiling each assembly to take into consideration
lead wire and the attachment method should be completed.
SENSOR TYPE
Various Thermistor or RTD
SENSOR ACCURACY
RTD Class A: ±0.15°C (±0.27°F) @ 0°C (32°F)
RTD 1/3 DIN: ±0.1°C (±0.18°F) @ 0°C (32°F)
RTD 1/10 DIN: ±0.03°C (±0.054°F) @ 0°C (32°F)
NTC Thermistor Type 39: ±0.05°C (±0.09°F), 0 to 70°C (32 to 158°F)
NTC Thermistor Type 55: ±0.03°C (±0.054°F), 0 to 70°C (32 to 158°F)
NTC Thermistor Type 40/46: ±0.1°C (±0.18°F), 0 to 70°C (32 to 158°F)
PROBE SENSING RANGE
RTD: -20 to 100°C (-4 to 212°F)
Thermistors: -40 to 100°C (-40 to 212°F)
WIRE MATERIAL
RTD: FT-4, 22 AWG, 3 Wire
Thermistor: PVC insulated, parallel bonded, 22 AWG. 2 Wire
WIRE LENGTH
1.524m (5’)
PROBE MATERIAL
Aluminum
PROBE DIMENSIONS
31.75mm L x 9.525mm W x 9.525mm H (1.25” x 0.375” x 0.375”)
TERMINATION
Pigtail, 2 or 3 wire
COUNTRY OF ORIGIN
Canada
SPECIFICATIONS
31.75 mm
1.25"
9.525 mm
0.375"
Aluminum Probe
1.524 mm
5’


Similar Part No. - PS-HATSGL

ManufacturerPart #DatasheetDescription
logo
Greystone Energy System...
PS-HATSAP GREYSTONE-PS-HATSAP Datasheet
317Kb / 2P
HIGH ACCURACY ALL PURPOSE DUCT TEMPERATURE SENSOR
PS-HATSBB GREYSTONE-PS-HATSBB Datasheet
157Kb / 2P
HIGH ACCURACY DUCT TEMPERATURE SENSOR
PS-HATSDC GREYSTONE-PS-HATSDC Datasheet
378Kb / 2P
HIGH ACCURACY FLEXIBLE COPPER DUCT AVERAGE TEMPERATURE SENSOR
PS-HATSDF GREYSTONE-PS-HATSDF Datasheet
431Kb / 2P
HIGH ACCURACY FLEXIBLE CABLE DUCT AVERAGE TEMPERATURE SENSOR
PS-HATSDR GREYSTONE-PS-HATSDR Datasheet
282Kb / 2P
HIGH ACCURACY RIGID DUCT AVERAGE TEMPERATURE SENSOR
More results

Similar Description - PS-HATSGL

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP9803-M MICROCHIP-MCP9803-M Datasheet
503Kb / 30P
2-Wire High-Accuracy Temperature Sensor
09/27/04
logo
Seiko Instruments Inc
S5852A SII-S5852A Datasheet
805Kb / 15P
HIGH-ACCURACY DIGITAL TEMPERATURE SENSOR
logo
Linear Dimensions Semic...
DC2126A LINEAR_DIMENSIONS-DC2126A Datasheet
724Kb / 10P
High-Accuracy Wireless Temperature Sensor
logo
Seiko Instruments Inc
S-5852ABCAC-A8T1U4 SII-S-5852ABCAC-A8T1U4 Datasheet
1Mb / 15P
HIGH-ACCURACY DIGITAL TEMPERATURE SENSOR
logo
Greystone Energy System...
PS-HATSBB GREYSTONE-PS-HATSBB Datasheet
157Kb / 2P
HIGH ACCURACY DUCT TEMPERATURE SENSOR
PS-HATSOS GREYSTONE-PS-HATSOS Datasheet
256Kb / 2P
HIGH ACCURACY OUTSIDE TEMPERATURE SENSOR
PS-HATSPC GREYSTONE-PS-HATSPC Datasheet
204Kb / 2P
HIGH ACCURACY ROOM TEMPERATURE SENSOR
PS-HATSRC GREYSTONE-PS-HATSRC Datasheet
200Kb / 2P
HIGH ACCURACY ROOM TEMPERATURE SENSOR
PS-HATSSO GREYSTONE-PS-HATSSO Datasheet
302Kb / 2P
HIGH ACCURACY STRAP-ON TEMPERATURE SENSOR
PS-HATXGL GREYSTONE-PS-HATXGL Datasheet
322Kb / 2P
HIGH ACCURACY GLASS TEMPERATURE TRANSMITTER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com