Electronic Components Datasheet Search
  English  ▼

X  

HATSSO Datasheet(PDF) 1 Page - Greystone Energy Systems Inc.

Part # HATSSO
Description  HIGH ACCURACY STRAP-ON TEMPERATURE SENSOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.

HATSSO Datasheet(HTML) 1 Page - Greystone Energy Systems Inc.

  HATSSO Datasheet HTML 1Page - Greystone Energy Systems Inc. HATSSO Datasheet HTML 2Page - Greystone Energy Systems Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GREYSTONE HAS AN ISO 9001 REGISTERED QUALITY SYSTEM
HIGH ACCURACY STRAP-ON TEMPERATURE SENSOR
HATSSO SERIES
PRODUCT DESCRIPTION
The high accuracy single point strap-on
temperature sensor has a precision sensor bonded
to a 38 mm x 12.7 mm (1.5”x 0.5”) machined
aluminum heat sink. A 254 mm (10”) S/S Pipe clamp
is provided to secure the assembly to various sizes
of pipe. All probes are constructed to provide
excellent heat transfer, fast response and are potted
to resist moisture penetration.
TYPICAL INSTALLATION
For complete installation and wiring details,
please refer to the product installation
instructions.
The single point sensor series can be mounted
directly to various sizes of pipes and secured using
the 10” S/S pipe clamp.
If necessary, remove a section of insulation from
the pipe. The 10” S/S pipe clamp is a “Quick
Release” type and can be separated by moving
the tightening screw so that it is perpendicular to
the clamp and sliding the clamp apart. Position
the aluminum plate on the pipe so it makes the
best contact, wrap the clamp around the pipe and
re-assemble and tighten. Any excess clamp may
be cut off.
Wiring connections are made inside the enclosure
using a 2 or 3 wire pigtail.
SENSOR TYPE
Various Thermistor or RTD
SENSOR ACCURACY
RTD Class A: ±0.15°C (±0.27°F) @ 0°C (32°F)
RTD 1/3 DIN: ±0.1°C (±0.18°F) @ 0°C (32°F)
RTD 1/10 DIN: ±0.03°C (±0.054°F) @ 0°C (32°F)
NTC Thermistor Type 39: ±0.05°C (±0.09°F), 0 to 70°C (32 to 158°F)
NTC Thermistor Type 55: ±0.03°C (±0.054°F), 0 to 70°C (32 to 158°F)
NTC Thermistor Type 40/46: ±0.1°C (±0.18°F), 0 to 70°C (32 to 158°F)
PROBE SENSING RANGE
RTD: -20 to 100°C (-4 to 212°F)
Thermistors: -40 to 100°C (-40 to 212°F)
AMBIENT OPERATING RANGE
-40 to 50°C (-40 to 122°F), 5 to 95 %RH non-condensing
WIRE MATERIAL
RTD: FT-4, 22 AWG, 3 Wire
Thermistor: PVC insulated, parallel bonded, 22 AWG. 2 Wire
PROBE MATERIAL
Machined aluminum heat sink
PROBE SIZE
38mm x 12.7 mm (1.5” x 0.5”)
ENCLOSURE
A: ABS, UL94-V0, IP65 (NEMA 4X)
C: same as A, with a terminal block
E: Same as C, with thread adapter and cable gland fitting
TERMINATION
A: Pigtail, 2 or 3 wire
C & E: Terminal block, 2 or 3 wire
COUNTRY OF ORIGIN
Canada
SPECIFICATIONS
69.8 mm
2.75"
CABLE GLAND FITTING
THREAD ADAPTER 1/2” NPT TO M16
ACCESSORIES - INCLUDED WITH E ENCLOSURE OPTION
NOTE: The sensor accuracies listed in the specifications section apply to the sensing element only prior to
product assembly and may not be reflected in the complete assembly.
Due to the measurement uncertainty, it is possible, that the true resistance value of the single delivered
sensor at 0°C can be out of the defined tolerance class. Profiling each assembly to take into consideration
lead wire and the attachment method should be completed.
82.5 mm
3.25"
52.0 mm
2.05"
28.6 mm
1.125"
Machined Aluminum
Heat Sink
0.5” NPT
254 mm (10”)
S/S Pipe Clamp
Quick Release


Similar Part No. - HATSSO

ManufacturerPart #DatasheetDescription
logo
Greystone Energy System...
HATSRP GREYSTONE-HATSRP Datasheet
319Kb / 2P
HIGH ACCURACY REMOTE PROBE STRAP-ON TEMPERATURE SENSOR
More results

Similar Description - HATSSO

ManufacturerPart #DatasheetDescription
logo
Greystone Energy System...
PS-HATDRP GREYSTONE-PS-HATDRP Datasheet
299Kb / 2P
HIGH ACCURACY REMOTE PROBE STRAP-ON TEMPERATURE TRANSMITTER WITH LCD
PS-HATDSO GREYSTONE-PS-HATDSO Datasheet
312Kb / 2P
HIGH ACCURACY STRAP-ON TEMPERATURE TRANSMITTER WITH LCD
PS-HATSRP GREYSTONE-PS-HATSRP Datasheet
319Kb / 2P
HIGH ACCURACY REMOTE PROBE STRAP-ON TEMPERATURE SENSOR
PS-HATXRP GREYSTONE-PS-HATXRP Datasheet
310Kb / 2P
HIGH ACCURACY REMOTE PROBE STRAP-ON TEMPERATURE TRANSMITTER
PS-HATXSO GREYSTONE-PS-HATXSO Datasheet
372Kb / 2P
HIGH ACCURACY STRAP-ON TEMPERATURE TRANSMITTER
PS-TNRP GREYSTONE-PS-TNRP Datasheet
306Kb / 2P
REMOTE PROBE STRAP-ON NETWORK TEMPERATURE SENSOR
TSRP GREYSTONE-TSRP Datasheet
280Kb / 2P
REMOTE PROBE STRAP-ON TEMPERATURE SENSOR
TSSO GREYSTONE-TSSO Datasheet
297Kb / 2P
STRAP-ON TEMPERATURE SENSOR
logo
Siemens Semiconductor G...
QAD2 SIEMENS-QAD2 Datasheet
171Kb / 6P
Strap-on temperature sensor
2017-12-01
logo
E+E Elektronik Ges.m.b....
EE441 EPLUSE-EE441 Datasheet
913Kb / 7P
Strap-on Temperature Sensor
10-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com