Electronic Components Datasheet Search
  English  ▼

X  

HNOS Datasheet(PDF) 1 Page - Greystone Energy Systems Inc.

Part # HNOS
Description  NETWORK OUTSIDE HUMIDITY/TEMPERATURE SENSOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.

HNOS Datasheet(HTML) 1 Page - Greystone Energy Systems Inc.

  HNOS Datasheet HTML 1Page - Greystone Energy Systems Inc. HNOS Datasheet HTML 2Page - Greystone Energy Systems Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GREYSTONE HAS AN ISO 9001 REGISTERED QUALITY SYSTEM
NETWORK OUTSIDE HUMIDITY/TEMPERATURE SENSOR
HNOS SERIES
PRODUCT DESCRIPTION
The outside air network humidity/temperature
sensor uses a highly accurate and reliable
Thermoset Polymer based capacitance humidity
sensor and temperature sensor, that is field
replaceable, to monitor humidity and temperature
levels and transmit values via BACnet® or Modbus
communication to a building automation system.
A hinged, gasketed weatherproof Polycarbonate
enclosure with sensor hub provides ease of
installation and protection from the elements.
TYPICAL INSTALLATION
For complete installation and wiring details,
please refer to the product installation
instructions.
The outside sensor should be mounted on an
outside North facing wall, under the eaves which
will provide protection from direct sunlight and
wind.
The outside sensor can be mounted directly to
buildings wall face using the provided mounting
holes. There is a 0.86” hole for conduit connection
of the back of the enclosure.
RELATIVE HUMIDITY
Accuracy: ±2, 3, or 5 %RH (5 to 95 %RH)
Range: 0 to 100 %RH
Resolution: 0.01 %RH
Hysteresis: ±0.8 %RH @ 25°C (77°F)
Response Time: 8 seconds typical
Stability: <0.25 %RH/year
TEMPERATURE SENSOR
Sensor Accuracy: ±0.2°C (±0.4°F) @ 0 to 70°C (32 to 158°F)
Probe Sensing Range: -40 to 50°C (-40 to 122°F), 5 to 95 %RH non-
condensing
Resolution: 0.01°C/°F
Response Time: 2 seconds
Stability: <0.03°C/year
NETWORK COMMUNICATION
Hardware: MS/TP, 2-wire RS-485
Software: BACnet® or Modbus
Baud Rate: 9600, 19200, 38400, 57600, 76800, or 115200
Address Range: BACnet® - 0 to 127
Modbus - 1 to 255
OPTIONAL RELAY
Contacts: 0.5 A @ 125 Vac / 1 A @ 24 Vdc
Setpoint: Relative Humidity - 1 to 90 %RH or
Temperature - 5 to 40°C (40 to 100°F)
POWER SUPPLY
24 Vac/dc ±10% typical, 28 Vac/dc maximum
CONSUMPTION
22 mA @ 24 Vdc, 70 mA @ 24 Vac
OPERATING ENVIRONMENT
-40 to 60°C (-40 to 140°F)
PROBE MATERIAL
PVC sensor hub
WIRING CONNECTION
Screw terminal block (14 to 22 AWG)
ENCLOSURE
A: Polycarbonate, UL94-V0, IP65 (NEMA 4X)
E: Same as A, with cable gland fitting
DIMENSIONS
82.5mm W x 76.2mm H x 52.0mm D (3.25” x 3.0” x 2.05”)
COUNTRY OF ORIGIN
Canada
SPECIFICATIONS
CABLE GLAND FITTING
OPTIONAL ACCESSORIES - INCLUDED WITH E ENCLOSURE OPTION
North
OSA Temperature
Sensor
82.5 mm
3.25”
69.8 mm
2.75”
52.0 mm
2.05”
76.2 mm
3.00”
25.4 mm
1.00”
25.4 mm
1.00”
0.5” NPT


Similar Part No. - HNOS

ManufacturerPart #DatasheetDescription
logo
Greystone Energy System...
HNOS GREYSTONE-HNOS Datasheet
353Kb / 2P
NETWORK OUTSIDE HUMIDITY/TEMPERATURE SENSOR
More results

Similar Description - HNOS

ManufacturerPart #DatasheetDescription
logo
Greystone Energy System...
PS-HNDT GREYSTONE-PS-HNDT Datasheet
401Kb / 2P
NETWORK DUCT HUMIDITY/TEMPERATURE SENSOR
PS-HNOB GREYSTONE-PS-HNOB Datasheet
371Kb / 2P
NETWORK OUTSIDE HUMIDITY/TEMPERATURE SENSOR
PS-NTRC GREYSTONE-PS-NTRC Datasheet
229Kb / 2P
ROOM NETWORK TEMPERATURE AND HUMIDITY SENSOR
PS-TNOS GREYSTONE-PS-TNOS Datasheet
255Kb / 2P
OUTSIDE NETWORK TEMPERATURE SENSOR
05/20
NTRC GREYSTONE-NTRC Datasheet
229Kb / 2P
ROOM NETWORK TEMPERATURE AND HUMIDITY SENSOR
HNOB GREYSTONE-HNOB Datasheet
371Kb / 2P
NETWORK OUTSIDE HUMIDITY/TEMPERATURE SENSOR
HNOS GREYSTONE-HNOS Datasheet
353Kb / 2P
NETWORK OUTSIDE HUMIDITY/TEMPERATURE SENSOR
HTOB GREYSTONE-HTOB Datasheet
216Kb / 2P
OUTSIDE HUMIDITY/TEMPERATURE TRANSMITTER
HTOS GREYSTONE-HTOS Datasheet
237Kb / 2P
OUTSIDE HUMIDITY/TEMPERATURE TRANSMITTER
TNOS GREYSTONE-TNOS Datasheet
255Kb / 2P
OUTSIDE NETWORK TEMPERATURE SENSOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com