Electronic Components Datasheet Search
  English  ▼

X  

PS-TNOS Datasheet(PDF) 2 Page - Greystone Energy Systems Inc.

Part # PS-TNOS
Description  OUTSIDE NETWORK TEMPERATURE SENSOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.

PS-TNOS Datasheet(HTML) 2 Page - Greystone Energy Systems Inc.

  PS-TNOS Datasheet HTML 1Page - Greystone Energy Systems Inc. PS-TNOS Datasheet HTML 2Page - Greystone Energy Systems Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PRINTED IN CANADA
Copyright © Greystone Energy Systems Inc. All Rights Reserved
www.greystoneenergy.com
PS-TNOSXXX-02
05/20
Greystone Energy Systems, Inc.
150 English Drive, Moncton,
New Brunswick, Canada E1E 4G7
Ph: +1 (506) 853-3057 Fax: +1 (506) 853-6014
North America: 1-800-561-5611
E-mail: mail@greystoneenergy.com
PRODUCT
TNOS
Outside Network temperature Sensor
ENCLOSURE
A
E
Polycarbonate, weatherproof with hinged and gasketed cover
Same as A, with thread adapter (1/2” NPT to M16) and cable gland fitting
SENSOR
20X
NTC Thermistor, ±0.2°C
COMMUNICATION OUTPUT
B
M
BACnet®
Modbus
ORDERING
TNOS
PART NUMBER
NOTE: Greystone Energy Systems, Inc. reserves the right to make design modifications without prior notice.
BACnet® COMMUNICATION
BACnet® is a data communication protocol for building automation and control networks. The sensor communicates on a standard 2-wire RS-485 MS/TP network
designed to run at speeds from 9600 to 115200 baud over twisted pair wiring.
BACnet® is a registered trademark of ASHRAE. ASHRAE does not endorse, approve or test products for compliance with ASHRAE standards. Compliance of BACnet®
listed products to the requirements of ASHRAE Standard 135 is the responsibility of BACnet® International (BI). BTL is a registered trademark of BI.
MODBUS COMMUNICATION
Modbus is a network protocol for industrial manufacturing environments. The sensor communicates on a standard Modbus network using the RTU (Remote
Terminal Unit) transmission mode. The hardware interface is RS-485.
WIRING INFORMATION
TERMINAL
FUNCTION
PWR
Power Supply
COM
Common
SHLD
Digital Output
B (+)
Digital Output
A (-)
Digital Output
SEN +
Digital Output
SEN -
Digital Output
0001411-01
PWR
COM
SHLD
B(+)
A(-)
SEN+
1
2
4
8
16
32
64
128
SEN-



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com