Electronic Components Datasheet Search
  English  ▼

X  

TSDR Datasheet(PDF) 1 Page - Greystone Energy Systems Inc.

Part # TSDR
Description  RIGID DUCT AVERAGE TEMPERATURE SENSOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.

TSDR Datasheet(HTML) 1 Page - Greystone Energy Systems Inc.

  TSDR Datasheet HTML 1Page - Greystone Energy Systems Inc. TSDR Datasheet HTML 2Page - Greystone Energy Systems Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GREYSTONE HAS AN ISO 9001 REGISTERED QUALITY SYSTEM
RIGID DUCT AVERAGE TEMPERATURE SENSOR
TSDR SERIES
CABLE GLAND FITTING
THREAD ADAPTER 1/2” NPT TO M16
INCLUDED WITH E OPTION
ACCESSORIES - INCLUDED WITH E ENCLOSURE OPTION
PRODUCT DESCRIPTION
The multi-point rigid duct average temperature
sensor utilizes several precision sensors spaced at
equal distances and encapsulated in 6mm (0236”)
OD, 304 series stainless steel probe and is available
in various lengths. All probes provide excellent heat
transfer, fast response and resistance to moisture
penetration.
TYPICAL INSTALLATION
For complete installation and wiring details,
please refer to the product installation
instructions.
The rigid duct average type probes are installed
in the side of the duct to monitor the average
temperature within the duct. Select a probe length
that allows the probe to span the duct width.
Install the probe in a straight section of duct at a
suitable distance downstream from any heating,
cooling, or humidification devices.
Each enclosure style provides mounting tabs on
the outside of the enclosure for ease of installation.
SENSOR TYPE
Thermistor or RTD (see ordering chart)
SENSOR ACCURACY
Thermistors: ±0.2°C (±0.36°F) @ 25°C (77°F)
Platinum RTD’s: ±0.3°C (±0.54°F) @ 0°C (32°F)
Nickel RTD’s: ±0.4°C (±0.72°F) @ 0°C (32°F)
PROBE SENSING RANGE
-20 to 60°C (-4 to 140°F)
AMBIENT OPERATING RANGE
-40 to 50°C (-40 to 122°F)
WIRE MATERIAL
PVC/Kynar, 28 AWG
STANDARD LENGTHS
450, 600, 900mm (18”, 24”, 36” )
ENCLOSURE
ABS, UL94-V0, IP65 (NEMA 4X)
C: includes terminal block
E: same as C, with thread adapter (1/2” NPT to M16), and cable gland fitting
TERMINATION
A: pigtail, 2 or 3 wire
C & E: terminal block, 2 or 3 wire
COUNTRY OF ORIGIN
Canada
SPECIFICATIONS
82.5 mm
3.25"
69.8 mm
2.75"
Various Probe Lengths
See Specifications
6 mm
(0.236")
76.2 mm
3.00"
0.5" NPT
Foam Gasket
304 Series S/S Probe
52.0 mm
2.05"


Similar Part No. - TSDR

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TSDR LITTELFUSE-TSDR Datasheet
531Kb / 2P
Time Delay Relays Dedicated - Recycle
2016 Rev: 1-A-061016
TSDR215SB18M LITTELFUSE-TSDR215SB18M Datasheet
531Kb / 2P
Time Delay Relays Dedicated - Recycle
2016 Rev: 1-A-061016
TSDR415SB18M LITTELFUSE-TSDR415SB18M Datasheet
531Kb / 2P
Time Delay Relays Dedicated - Recycle
2016 Rev: 1-A-061016
TSDR4412SA1 LITTELFUSE-TSDR4412SA1 Datasheet
531Kb / 2P
Time Delay Relays Dedicated - Recycle
2016 Rev: 1-A-061016
TSDR442MA2 LITTELFUSE-TSDR442MA2 Datasheet
531Kb / 2P
Time Delay Relays Dedicated - Recycle
2016 Rev: 1-A-061016
More results

Similar Description - TSDR

ManufacturerPart #DatasheetDescription
logo
Greystone Energy System...
PS-HATDDR GREYSTONE-PS-HATDDR Datasheet
279Kb / 2P
HIGH ACCURACY RIGID DUCT AVERAGE TEMPERATURE TRANSMITTER WITH LCD
PS-HATSDR GREYSTONE-PS-HATSDR Datasheet
282Kb / 2P
HIGH ACCURACY RIGID DUCT AVERAGE TEMPERATURE SENSOR
PS-HATXDR GREYSTONE-PS-HATXDR Datasheet
289Kb / 2P
HIGH ACCURACY RIGID DUCT AVERAGE TEMPERATURE TRANSMITTER
PS-TNDR GREYSTONE-PS-TNDR Datasheet
285Kb / 2P
RIGID DUCT AVERAGE NETWORK TEMPERATURE SENSOR
TDDR GREYSTONE-TDDR Datasheet
212Kb / 2P
RIGID DUCT AVERAGE TEMPERATURE TRANSMITTER WITH LCD
THDR GREYSTONE-THDR Datasheet
267Kb / 2P
RIGID DUCT AVERAGE HIGH LIMIT THERMOSTAT
TLDR GREYSTONE-TLDR Datasheet
277Kb / 2P
RIGID DUCT AVERAGE LOW LIMIT THERMOSTAT
TNDF GREYSTONE-TNDF Datasheet
452Kb / 2P
FLEX-DUCT AVERAGE NETWORK TEMPERATURE SENSOR
TNDR GREYSTONE-TNDR Datasheet
285Kb / 2P
RIGID DUCT AVERAGE NETWORK TEMPERATURE SENSOR
TXDR GREYSTONE-TXDR Datasheet
288Kb / 2P
RIGID DUCT AVERAGE TEMPERATURE TRANSMITTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com