Electronic Components Datasheet Search
  English  ▼

X  

SKD160 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # SKD160
Description  Three-phase rectifier bridge module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

SKD160 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  SKD160 Datasheet HTML 1Page - Inchange Semiconductor Company Limited SKD160 Datasheet HTML 2Page - Inchange Semiconductor Company Limited SKD160 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
isc website:www.iscsemi.cn
2/3
SKD160
3
2
Peak forward Voltage Vs.Peak forward Current
=
正向峰值电流
IFM,A
Max. junction To case Thermai Impedance Vs.Time
2
9
3
0 .001
0 .01
0. 1
时间
t,S
Fig.1 正向伏安特性曲线
Fig.2 瞬态热阻抗曲线
Max. Power Dissipation Vs.Mean forward Current
3相
正向平均电流
IF(AV),A
Max. case Temperature Vs.Mean forward Current
3相
正向平均电流
IF(AV),A
Fig.3 最大正向功耗与平均电流的关系曲线
Fig.4 管壳温度与平均电流的关系曲线
Surge Current Vs.Cycles
周波数
n,@ 50Hz
25
20
15
10
5
I2t Vs.Time
1
时间
t,ms
Fig.5 正向浪涌电流与周波数的关系曲线
Fig.6 I2t特性曲线
10
Tj 1 5 0 C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com