Electronic Components Datasheet Search
  English  ▼

X  

OPA353 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA353
Description  High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA353 Datasheet(HTML) 2 Page - Texas Instruments

  OPA353 Datasheet HTML 1Page - Texas Instruments OPA353 Datasheet HTML 2Page - Texas Instruments OPA353 Datasheet HTML 3Page - Texas Instruments OPA353 Datasheet HTML 4Page - Texas Instruments OPA353 Datasheet HTML 5Page - Texas Instruments OPA353 Datasheet HTML 6Page - Texas Instruments OPA353 Datasheet HTML 7Page - Texas Instruments OPA353 Datasheet HTML 8Page - Texas Instruments OPA353 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
OPA353, 2353, 4353
®
SPECIFICATIONS: VS = 2.7V to 5.5V
At TA = +25°C, RL = 1kΩ connected to VS/2 and VOUT = VS /2, unless otherwise noted.
Boldface limits apply over the specified temperature range, TA = –40°C to +85°C. VS = 5V.
OPA353NA, UA
OPA2353EA, UA
OPA4353EA, UA
PARAMETER
CONDITION
MIN
TYP(1)
MAX
UNITS
OFFSET VOLTAGE
Input Offset Voltage
VOS
VS = 5V
±3
±8mV
TA = –40°C to +85°C
±10
mV
vs Temperature
TA = –40°C to +85°C
±5
µV/°C
vs Power Supply Rejection Ratio
PSRR
VS = 2.7V to 5.5V, VCM = 0V
40
150
µV/V
TA = –40°C to +85°C
VS = 2.7V to 5.5V, VCM = 0V
175
µV/V
Channel Separation (dual, quad)
dc
0.15
µV/V
INPUT BIAS CURRENT
Input Bias Current
IB
±0.5
±10
pA
TA = –40°C to +85°C
See Typical Curve
Input Offset Current
IOS
±0.5
±10
pA
NOISE
Input Voltage Noise, f = 100Hz to 400kHz
4
µVrms
Input Voltage Noise Density, f = 10kHz
en
7
nV/
√Hz
f = 100kHz
5
nV/
√Hz
Current Noise Density, f = 10kHz
in
4
fA/
√Hz
INPUT VOLTAGE RANGE
Common-Mode Voltage Range
VCM
–0.1
(V+) + 0.1
V
Common-Mode Rejection Ratio
CMRR
–0.1V < VCM < (V+) – 2.4V
76
86
dB
VS = 5V, –0.1V < VCM < 5.1V
60
74
dB
TA = –40°C to +85°C
VS = 5V, –0.1V < VCM < 5.1V
58
dB
INPUT IMPEDANCE
Differential
1013 || 2.5
Ω || pF
Common-Mode
1013 || 6.5
Ω || pF
OPEN-LOOP GAIN
Open-Loop Voltage Gain
AOL
RL = 10kΩ, 50mV < VO < (V+) – 50mV
100
122
dB
TA = –40°C to +85°C
RL = 10kΩ, 50mV < VO < (V+) – 50mV
100
dB
RL = 1kΩ, 200mV < VO < (V+) – 200mV
100
120
dB
TA = –40°C to +85°C
RL = 1kΩ, 200mV < VO < (V+) – 200mV
100
dB
FREQUENCY RESPONSE
CL = 100pF
Gain-Bandwidth Product
GBW
G = 1
44
MHz
Slew Rate
SR
G = 1
22
V/
µs
Settling Time, 0.1%
G =
±1, 2V Step
0.22
µs
0.01%
G =
±1, 2V Step
0.5
µs
Overload Recovery Time
VIN • G = VS
0.1
µs
Total Harmonic Distortion + Noise
THD+N
RL = 600Ω, VO = 2.5Vp-p(2), G = 1, f = 1kHz
0.0006
%
Differential Gain Error
G = 2, RL = 600Ω, VO = 1.4V(3)
0.17
%
Differential Phase Error
G = 2, RL = 600Ω, VO = 1.4V(3)
0.17
deg
OUTPUT
Voltage Output Swing from Rail(4)
VOUT
RL = 10kΩ, AOL ≥ 100dB
10
50
mV
TA = –40°C to +85°C
RL = 10kΩ, AOL ≥ 100dB
50
mV
RL = 1kΩ, AOL ≥ 100dB
25
200
mV
TA = –40°C to +85°C
RL = 1kΩ, AOL ≥ 100dB
200
mV
Output Current
IOUT
±40(5)
mA
Short-Circuit Current
ISC
±80
mA
Capacitive Load Drive
CLOAD
See Typical Curve
POWER SUPPLY
Operating Voltage Range
VS
TA = –40°C to +85°C
2.7
5.5
V
Minimum Operating Voltage
2.5
V
Quiescent Current (per amplifier)
IQ
IO = 0
5.2
8
mA
TA = –40°C to +85°C
IO = 0
9
mA
TEMPERATURE RANGE
Specified Range
–40
+85
°C
Operating Range
–55
+125
°C
Storage Range
–55
+125
°C
Thermal Resistance
θ
JA
SOT-23-5
200
°C/W
MSOP-8 Surface Mount
150
°C/W
SO-8 Surface Mount
150
°C/W
SSOP-16 Surface Mount
100
°C/W
SO-14 Surface Mount
100
°C/W
NOTES: (1) VS = +5V. (2) VOUT = 0.25V to 2.75V. (3) NTSC signal generator used. See Figure 6 for test circuit. (4) Output voltage swings are measured between
the output and power supply rails. (5) See typical performance curve, “Output Voltage Swing vs Output Swing.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com