Electronic Components Datasheet Search
  English  ▼

X  

1852F Datasheet(PDF) 1 Page - Belden Inc.

Part # 1852F
Description  Audio Snake Cable, #24-24pr, TC, Indiv. Shielded, CMG
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

1852F Datasheet(HTML) 1 Page - Belden Inc.

  1852F Datasheet HTML 1Page - Belden Inc. 1852F Datasheet HTML 2Page - Belden Inc. 1852F Datasheet HTML 3Page - Belden Inc. 1852F Datasheet HTML 4Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Product: 1852F
Audio Snake Cable, #24-24pr, TC, Indiv. Shielded, CMG
Product Description
Digital Audio Snake Cable, CMG-Rated, 24-24 AWG tinned copper pairs, Datalene® insulation, individually shielded with Beldfoil, numbered/color-coded PVC
jackets, flexible PVC jacket
Technical Specifications
Physical Characteristics (Overall)
Conductor
AWG Stranding
Material
Nominal Diameter No. of Pairs
24
7x32
TC - Tinned Copper 0.024 in
24
Conductor Count:
48
Total Number of Pairs:
24
Insulation
Material
Material Trade Name Nominal Diameter Nominal Wall Thickness
PE - Polyethylene (Foam) Datalene®
0.068 in
0.022 in
Color Chart
Number
Color
1
Brown and Numbered 1
2
Red and Numbered 2
3
Orange and Numbered 3
4
Yellow and Numbered 4
5
Green and Numbered 5
6
Blue and Numbered 6
7
Purple and Numbered 7
8
Gray and Numbered 8
9
White and Numbered 9
10
Black and Numbered 10
11
Tan and Numbered 11
12
Pink and Numbered 12
13
Gray/Brown Stripe and Numbered 13
14
Gray/Red Stripe and Numbered 14
15
Gray/Orange Stripe and Numbered 15
16
Gray/Yellow Stripe and Numbered 16
17
Gray/Green Stripe and Numbered 17
18
Gray/Blue Stripe and Numbered 18
19
Gray/Purple Stripe and Numbered 19
20
Gray/Gray Stripe and Numbered 20
21
Gray/White Stripe and Numbered 21
22
Gray/Black Stripe and Numbered 22
23
Gray/Tan Stripe and Numbered 23
24
Gray/Pink Stripe and Numbered 24
Color Chart 2


Similar Part No. - 1852F

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
1852 ALPHAWIRE-1852 Datasheet
74Kb / 2P
Customer Specification
logo
Heyco.
1852 HEYCO-1852 Datasheet
159Kb / 1P
Heyco® RDD Lockit™ Strain Relief Bushings – Straight-Thru
logo
Adafruit Industries
1852 ADAFRUIT-1852 Datasheet
181Kb / 3P
USB Charger Doctor - In-line Voltage and Current Meter
11/27/2015
logo
Alpha Wire
1852 VI005 ALPHAWIRE-1852 VI005 Datasheet
345Kb / 3P
Customer Specification
9/10/2019
1852 YL005 ALPHAWIRE-1852 YL005 Datasheet
345Kb / 3P
Customer Specification
9/10/2019
More results

Similar Description - 1852F

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1427B BELDEN-1427B Datasheet
179Kb / 3P
Audio Snake Cable, #24-24pr, TC, Indiv. Shielded
11-09-2022
1510C BELDEN-1510C Datasheet
187Kb / 2P
Audio Snake Cable, #24-4pr, TC, Indiv. Shielded, CM
01-20-2023
1518C BELDEN-1518C Datasheet
191Kb / 3P
Audio Snake Cable, #24-32pr, TC, Indiv. Shielded, CM
12-19-2022
1414R BELDEN-1414R Datasheet
191Kb / 3P
Audio Snake Cable, #24-24pr, TC, Indiv. Shielded, CMR
12-19-2022
1512C BELDEN-1512C Datasheet
186Kb / 2P
Audio Snake Cable, #24-8pr, TC, Indiv. Shielded, CM
01-20-2023
1516C BELDEN-1516C Datasheet
185Kb / 2P
Audio Snake Cable, #24-24pr, TC, Indiv. Shielded, CM
01-20-2023
1924A BELDEN-1924A Datasheet
191Kb / 3P
Audio Snake Cable, #24-24pr, BC, Indiv. Shielded
11-09-2022
1803F BELDEN-1803F Datasheet
156Kb / 2P
Audio Snake Cable, #24-4pr, TC, Indiv. Shielded, CMG
01-20-2023
1805F BELDEN-1805F Datasheet
155Kb / 2P
Audio Snake Cable, #24-8pr, TC, Indiv. Shielded, CMG
01-20-2023
1806F BELDEN-1806F Datasheet
227Kb / 2P
Audio Snake Cable, #24-12pr, TC, Indiv. Shielded, CMG
01-20-2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com