Electronic Components Datasheet Search
  English  ▼

X  

70054 Datasheet(PDF) 1 Page - Belden Inc.

Part # 70054
Description  8 PAIR AES/EBU, 26AWG, ISTP, LSZH
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

70054 Datasheet(HTML) 1 Page - Belden Inc.

  70054 Datasheet HTML 1Page - Belden Inc. 70054 Datasheet HTML 2Page - Belden Inc. 70054 Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product: 70054
8 PAIR AES/EBU, 26AWG, ISTP, LSZH
Product Description
DIGITAL AUDIO 8 PAIR AES/EBU, 26AWG/0.14mm², ISTP, LSZH
Technical Specifications
Product Overview
Suitable Applications:
Digital multi-modulation cable used in professional studios for the transmission of analogue and digital audio signals; Designed to meet the requirements
of the AES/EBU specification
Physical Characteristics (Overall)
Conductor
AWG Stranding
Material
Cross Section Construction n x D
26
7x34
BC-OFHC - Oxygen-Free Bare Copper (High Conductivity) 0.14 mm²
7x0.15 mm
Conductor Count:
16
Total Number of Pairs:
8
Insulation
Type
Material
Nominal Diameter Diameter +/- Tolerance
Insulation PE - Polyethylene (Foam) 1.10 mm
0.03 mm
Color Chart
Number
Color
Pair 1 t/m 8 White & Blue
Inner Shield
Material
Material Trade Name Coverage [%]
Drainwire Material
Drainwire AWG Drainwire Construction n x D
Bi-Laminate (Alum+Poly) Beldfoil®
100%
Stranded tinned copper 26
7x0.16 mm
Table Notes:
Aluminum inside
Inner Jacket
Material
Nominal Diameter Diameter +/- Tolerance
LSZH - Low Smoke Zero Halogen (Flame Retardant) 2.90 mm
0.10 mm
Table Notes:
Elements are numbered for identification
Outer Shield
Type
Material
Coverage [%] Drainwire Material
Drainwire AWG Drainwire Construction n x D
Tape Bi-Laminate (Alum+Poly) 100%
TC - Tinned Copper 26
7x0.16 mm
Outer Jacket
Material
Nominal Diameter Nominal Wall Thickness
LSZH - Low Smoke Zero Halogen (Flame Retardant) 12.80 mm
1.20 mm
Construction and Dimensions
Cabling
Description
Filler


Similar Part No. - 70054

ManufacturerPart #DatasheetDescription
logo
Lapp.
70054200 LAPP-70054200 Datasheet
123Kb / 2P
EPIC® H-B 10 TSH-RO
17.09.2018
logo
Belden Inc.
70054CH BELDEN-70054CH Datasheet
173Kb / 2P
AUDIO DIGITAL AES/EBU 8 PAIR 26AWG, BELDFOIL, LSZH
11-09-2022
70054CH.00500 BELDEN-70054CH.00500 Datasheet
173Kb / 2P
AUDIO DIGITAL AES/EBU 8 PAIR 26AWG, BELDFOIL, LSZH
11-09-2022
More results

Similar Description - 70054

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
70053 BELDEN-70053 Datasheet
173Kb / 2P
4 PAIR AES/EBU, 26AWG, ISTP, LSZH
11-09-2022
70055 BELDEN-70055 Datasheet
175Kb / 2P
12 Pair AES/EBU, 26AWG, ISTP, LSZH
12-19-2022
70051 BELDEN-70051 Datasheet
309Kb / 2P
1 PAIR AES/EBU, 26AWG, ISTP, LSZH
11-09-2022
70051CH BELDEN-70051CH Datasheet
309Kb / 2P
1 PAIR AES/EBU, 26AWG, ISTP, LSZH-C
12-19-2022
70052 BELDEN-70052 Datasheet
173Kb / 2P
2 PAIR AES/EBU, 26AWG, ISTP, LSZH
12-19-2022
70056 BELDEN-70056 Datasheet
175Kb / 2P
16 PAIR AES/EBU, 26AWG, ISTP, LSZH
11-09-2022
70073 BELDEN-70073 Datasheet
233Kb / 2P
10 Pair AES/EBU, 26AWG, ISTP, LSZH
11-09-2022
BE46266 BELDEN-BE46266 Datasheet
173Kb / 2P
8 PAIR AES/EBU, 26AWG, ISTP, FLEX, LSZH, STAGE
11-09-2022
BE46925 BELDEN-BE46925 Datasheet
167Kb / 3P
4 PAIR AES/EBU, 26AWG, ISTP, LSZH, STAGE
11-09-2022
BE46935 BELDEN-BE46935 Datasheet
171Kb / 3P
8 PAIR AES/EBU, 26AWG, ISTP, LSZH, STAGE
11-09-2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com