Electronic Components Datasheet Search
  English  ▼

X  

FMMT495 Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # FMMT495
Description  SOT-23 Plastic-Encapsulate Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

FMMT495 Datasheet(HTML) 2 Page - Nanjing International Group Co

  FMMT495 Datasheet HTML 1Page - Nanjing International Group Co FMMT495 Datasheet HTML 2Page - Nanjing International Group Co FMMT495 Datasheet HTML 3Page - Nanjing International Group Co FMMT495 Datasheet HTML 4Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Typical Characteristics
0.1
1
10
100
1000
0.2
0.4
0.6
0.8
1.0
0
25
50
75
100
125
150
0
100
200
300
0.1
1
10
100
1000
0.01
0.1
1
1
10
100
1000
10
100
1000
0.1
1
10
1
10
100
1000
0.0
0.2
0.4
0.6
0.8
1.0
0.1
1
10
100
1000
β=10
Pulsed
I
C
V
BEsat
——
COLLECTOR CURREMT I
C
(mA)
T
a=100
℃
T
a=25
℃
!
P
C
—— T
a
AMBIENT TEMPERATURE T
a
(℃)
T
a=100
℃
T
a=25
℃
β=10
Pulsed
I
C
V
CEsat
——
COLLECTOR CURREMT I
C
(mA)
I
C
h
FE
——
T
a=100
℃
T
a=25
℃
COLLECTOR CURRENT I
C
(mA)
COMMON EMITTER
V
CE= 10V
Pulsed
20
f=1MHz
I
E=0/IC=0
T
a=25
℃
Pulsed
V
CB/VEB
C
ob/Cib
——
C
ob
C
ib
REVERSE VOLTAGE V (V)
BASE-EMMITER VOLTAGE V
BE (V)
I
C
—— V
BE
COMMON EMITTER
V
CE=10V
Pulsed
2
00
8
6
10
12
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
Static Characteristic
COMMON EMITTER
T
a=25
℃
Pulsed
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
1.5mA
1.35mA
1.2mA
1.05mA
0.9mA
0.75mA
0.3mA
0.45mA
0.6mA
I
B= 0.15mA
4
Dongguan Nanjing Electronics Ltd.
www.dgnjdz.com
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com