Electronic Components Datasheet Search
  English  ▼

X  

FMMT618 Datasheet(PDF) 3 Page - Nanjing International Group Co

Part # FMMT618
Description  SOT-23 Plastic-Encapsulate Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

FMMT618 Datasheet(HTML) 3 Page - Nanjing International Group Co

  FMMT618 Datasheet HTML 1Page - Nanjing International Group Co FMMT618 Datasheet HTML 2Page - Nanjing International Group Co FMMT618 Datasheet HTML 3Page - Nanjing International Group Co FMMT618 Datasheet HTML 4Page - Nanjing International Group Co FMMT618 Datasheet HTML 5Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
0.1
1
10
1
10
100
1000
0
2040
6080
100
0
50
100
150
200
1
10
100
1000
0
200
400
600
800
1000
0
25
50
75
100
125
150
0
100
200
300
400
500
1
10
100
1000
0
200
400
600
800
1000
1
10
100
1000
0
50
100
150
200
01
23
45
67
0
100
200
300
400
500
600
700
200
400
600
800
1000
0
500
1000
1500
2000
2500
f=1MHz
I
E
=0 / I
C
=0
T
a
=25
oC
REVERSE VOLTAGE
V
(V)
V
CB
/ V
EB
C
ob
/ C
ib
——
C
ib
C
ob
20
COLLECTOR CURRENT
I
C
(mA)
V
CE
=10V
T
a
=25
oC
I
C
f
T
——
V
CE
= 2V
T
a
=100
oC
T
a
=25
oC
COLLECTOR CURRENT
I
C
(mA)
I
C
h
FE
——
AMBIENT TEMPERATURE
T
a
(
)
℃
P
c
——
T
a
COLLECTOR CURRENT
I
C
(mA)
T
a
=25℃
T
a
=100℃
β=50
I
C
V
BEsat
——
2500
2500
2500
T
a
=25℃
T
a
=100℃
β=50
V
CEsat
——
I
C
COLLECTOR CURRENT
I
C
(mA)
COMMON
EMITTER
T
a
=25℃
0.8mA
0.72mA
0.64mA
0.56mA
0.48mA
0.4mA
0.32mA
0.24mA
0.16mA
I
B
=0.08mA
COLLECTOR-EMITTER VOLTAGE
V
CE
(V)
Static Characteristic
V
CE
= 2V
Ta=25℃
Ta=100
oC
BASE-EMITTER VOLTAGE
V
BE
(mV)
V
BE
——
I
C
Typical Characteristics
Dongguan Nanjing Electronics Ltd.
www.dgnjdz.com
3/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com