Electronic Components Datasheet Search
  English  ▼

X  

KSC2690 Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # KSC2690
Description  TO-126 Plastic-Encapsulate Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

KSC2690 Datasheet(HTML) 2 Page - Nanjing International Group Co

  KSC2690 Datasheet HTML 1Page - Nanjing International Group Co KSC2690 Datasheet HTML 2Page - Nanjing International Group Co KSC2690 Datasheet HTML 3Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector cut-off current
ICBO
VCB=120V, IE=0
1
μA
Emitter cut-off current
IEBO
VEB=3 V, IC=0
1
μA
hFE(1)
VCE=5V, IC=5mA
35
105
DC current gain
hFE(2)
VCE=5V, IC=300mA
60
140
320
Collector-emitter saturation voltage
VCE(sat)
IC=1 A, IB=200mA
(1)
0.4
0.7
V
Base-emitter saturation voltage
VBE(sat)
IC=1 A, IB=200mA
(1)
1
1.3
V
Transition frequency
fT
VCE=5V, IC=200mA
155
MHz
Collector output capacitance
Cob
VCB=10V, IE=0, f=1MHz
19
pF
(1) Pulse Test : PW≤350 us , Duty Cycle ≤ 2 %
CLASSIFICATION OF
hFE(2)
Rank
R
O
Y
Range
60-120
100-200
160-320
(/(&75,&$/&+$5$&7(5,67,&6
a
T =25
unless otherwise specified
2/3
Dongguan Nanjing Electronics Ltd.
www.dgnjdz.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com