Electronic Components Datasheet Search
  English  ▼

X  

PXT3906 Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # PXT3906
Description  SOT-89-3L Plastic-Encapsulate Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

PXT3906 Datasheet(HTML) 2 Page - Nanjing International Group Co

  PXT3906 Datasheet HTML 1Page - Nanjing International Group Co PXT3906 Datasheet HTML 2Page - Nanjing International Group Co PXT3906 Datasheet HTML 3Page - Nanjing International Group Co PXT3906 Datasheet HTML 4Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
-0.1
-1
-10
-100
0
100
200
300
-10
-100
-10
-100
-0.1
-1
-10
9
-1
-10
1000
0
25
50
75
100
125
150
0
100
200
300
400
500
600
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
-1.4
-0.1
-1
-10
-100
-1
-10
-100
-0.0
-0.4
-0.8
-1.2
-0.0
-0.5
-1.0
-1.5
-2.0
-2.5
-0
-3
-6
-9
-12
-15
-18
-200
f
T
——
I
C
h
FE
——
COMMON EMITTER
V
CE=-1V
-3
-30
-0.3
Ta=100℃
Ta=25℃
COLLECTOR CURRENT I
C
(mA)
I
C
-30
-300
-30
COLLECTOR CURRENT I
C
(mA)
β=10
T
a=25
℃
T
a=100
℃
I
C
V
CEsat
——
-600
-200
1
3
-3
-0.3
-20
C
ob
C
ib
REVERSE VOLTAGE V (V)
f=1MHz
I
E=0/IC=0
T
a=25
℃
V
CB
/ V
EB
C
ob
/ C
ib
——
300
100
-3
-30
-80
V
CE=-20V
T
a=25
℃
COLLECTOR CURRENT I
C
(mA)
AMBIENT TEMPERATURE Ta ( )
℃
Pc
——
Ta
-200
V
BE
I
C
——
-30
-3
-0.3
T
a=25
℃
T
a=100
℃
COMMON EMITTER
V
CE=-1V
BASE-EMMITER VOLTAGE V
BE (V)
-30
-3
β=10
COLLECTOR CURRENT I
C
(mA)
T
a=25
℃
T
a=100
℃
-200
I
C
V
BEsat
——
Static Characteristic
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
-80uA
-72uA
-64uA
-56uA
-48uA
-40uA
-32uA
-24uA
-16uA
I
B=-8uA
COMMON
EMITTER
T
a=25
℃
Typical Characteristics
Dongguan Nanjing Electronics Ltd.
2/4
www.dgnjdz.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com